Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB381 Datasheet(PDF) 6 Page - Motorola, Inc

Part # EB381
Description  Migrating from the MC68HC811E2 to the MC68HC11F1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB381 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button EB381 Datasheet HTML 2Page - Motorola, Inc EB381 Datasheet HTML 3Page - Motorola, Inc EB381 Datasheet HTML 4Page - Motorola, Inc EB381 Datasheet HTML 5Page - Motorola, Inc EB381 Datasheet HTML 6Page - Motorola, Inc EB381 Datasheet HTML 7Page - Motorola, Inc EB381 Datasheet HTML 8Page - Motorola, Inc EB381 Datasheet HTML 9Page - Motorola, Inc EB381 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Engineering Bulletin
EB381
6
MOTOROLA
Case 1
Example:
RAM
Issue:
None
Change required: None. However, you may want to take advantage
of the extra 768 bytes of RAM. This block of RAM
is also relocatable on 4-K boundaries in the
64-Kbyte address space by writing an appropriate
value into bits 4–7 in the INIT register.
Case 2
Example:
EPROM
Issue:
The MC68HC11F1 has less EEPROM (512 bytes
vs. 2048 bytes), and it is located at a different
starting address ($FE00 vs. $F800).
Change required: Change code to use new EEPROM block located
from $FE00 to $FFDF.
Case 3
Example:
External address range
Issue:
External address range is different.
Change required: Change the external address range from
$1040–$F7FF to $1060–$FDFF.
Case 4
Example:
Register block
Issue:
Register block is a different size and some register
addresses have different meanings.
Change required: The register block on the MC68HC11F1 is
96 bytes instead of 64-bytes and is located at a
default location of $1000–$105F. This block of
RAM is also re-locatable on 4-K boundaries in the
64-Kbyte address space by writing to bits 0–3 in
the INIT register. These register addresses also
have different meanings: $1001, $1002, $1003,
$1005, $1006, $1036, $1038, and $103E.
$105C–$105F are additional registers.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com