Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD495C Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBD495C
Description  SURFACE MOUNT SCHOTTKY BARRIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD495C Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBD495C Datasheet HTML 1Page - Pan Jit International Inc. MMBD495C Datasheet HTML 2Page - Pan Jit International Inc. MMBD495C Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0-DEC.21.2005
MMBD495A/C/S
.083(2.10)
.020(.50)
.006(.15)
.119(3.00)
.066(1.70)
.006(.15)MAX
.013(.35)
.002(.05)
.110(2.80)
SOT- 23
Unit: inch (mm)
SURFACE MOUNT SCHOTTKY BARRIER
VOLTAGE
40 Volts
250 mW
FEATURES
• Low turn-on voltage
• Fast switching
• PN Junction Guard Ring for Transient and ESD Protection.
• Pb free product are available : 99% Sn above can meet
RoHS environment substance directive request
MECHANICAL DATA
Case: SOT-23, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.008 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified.
POWER
COMMON CATHODE
SERIES
COMMON ANODE
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
A
5
9
4
D
B
M
M
C
5
9
4
D
B
M
M
S
5
9
4
D
B
M
M
s
t
i
n
U
e
d
o
c
g
n
i
k
r
a
M
A
5
9
C
5
9
S
5
9
e
g
a
t
l
o
V
e
s
r
e
v
e
R
e
v
i
t
i
t
e
p
e
R
k
a
e
P
V RRM
0
4
V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V R
5
2
V
5
7
=
a
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
O C
IO
4
.
0
A
)
d
o
h
t
e
m
C
E
D
E
J
(
s
0
.
1
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
IFS M
2
A
A
m
0
1
=
F
I
@
e
g
a
t
l
o
V
d
r
a
w
r
o
F
s
u
o
e
n
a
t
n
a
t
s
n
I
m
u
m
i
x
a
M
A
m
0
0
2
=
F
I
@
V F
3
.
0
5
.
0
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
V
5
2
=
R
V
@
e
g
a
t
l
o
V
IR
0
7
A
u
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
RΘJA
0
0
4
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ,
TSTG
5
2
1
+
O
T
5
5
-
O C
e
r
u
g
i
F
t
i
u
c
r
i
C
n
o
m
m
o
C
e
d
o
n
A
n
o
m
m
o
C
e
d
o
h
t
a
C
s
e
i
r
e
S


Similar Part No. - MMBD495C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148 Datasheet
101Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
MMBD4148 TRSYS-MMBD4148 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
MMBD4148 WTE-MMBD4148 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Jinan Gude Electronic D...
MMBD4148 JGD-MMBD4148 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
MMBD4148 FAIRCHILD-MMBD4148 Datasheet
63Kb / 4P
Small Signal Diode
More results

Similar Description - MMBD495C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
SS0840WS PANJIT-SS0840WS_16 Datasheet
212Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com