Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD717 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MMBD717
Description  SURFACE MOUNT SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD717 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MMBD717 Datasheet HTML 1Page - Pan Jit International Inc. MMBD717 Datasheet HTML 2Page - Pan Jit International Inc. MMBD717 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-SEP.06.2004
0
0
5
0.5
1
1.5
2
2.5
3
3.5
10
15
20
V
Reverse Voltage (V)
R,
V , Forward Voltage (V)
F
100
10
1.0
0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
15
10
20
0.1
0.01
1
10
Fig. 1. Typical Forward Voltage
Fig. 3. Typical Total Capacitance
V , Reverse Voltage (V)
R
T =125 C
A
o
T =125 C
A
o
T=75 C
A
o
T=75 C
A
o
T =-25 C
A
o
T=25 C
A
o
T=25 C
A
o
Fig. 2. Typical Reverse Leakage
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C
t
s
e
T.
N
I
M.
P
Y
T.
X
A
Ms
t
i
n
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV(BR)
IR
0
1
=uA
0
2-
--
-V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI R
VR
0
1
=V
-
--
-0
.
1A
u
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
0
.
1
=mA
-
--
-7
3
.
0V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
m
u
m
i
x
a
MCJ
VR
,
V
1
=f
H
M
0
.
1
=
Z
-
--
-5
.
2F
p
ELECTRICAL CHARACTERISTICS (each diode) (T
J = 25°C unless otherwise noted)
ELECTRICAL CHARACTERISTICS CURVE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com