Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C741 Datasheet(PDF) 3 Page - DFI Inc

Part # C741
Description  5th/4th Gen Intel® Xeon® Scalable Family
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

C741 Datasheet(HTML) 3 Page - DFI Inc

  C741 Datasheet HTML 1Page - DFI Inc C741 Datasheet HTML 2Page - DFI Inc C741 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 20, 2024 DFI Inc.
SYSTEM
Processor
5th/4th Gen Intel® Xeon® Scalable Family
Socket: Dual LGA4677
Max. Speed: up to 4.1GHz (Turbo)
TDP: up to 270W
Cache: up to 60MB
Chipset
Intel® C741 Chipset
Memory
16 x ECC-RDIMM up to 1024GB
DDR5 Max. 5600MHz
BIOS
Insyde
GRAPHICS
Controller
BMC AST2600
Display
1 x DP
Single Display
DP
EXPANSION
Interface
4 x PCIe x16 (Gen 5)
2 x PCIe x8 (Gen5)
1 x M.2 M key 2280
AUDIO
Audio Codec
ALC888S
ETHERNET
Controller
4 x Intel® I210
IPMI: RTL8211F
REAR I/O
Serial
1 x RS-232/422/485 (DB-9)
Ethernet
4 x GbE
1 x Dedicated IPMI LAN
USB
4 x USB 3.2 Gen1
Display
1 x DP
PS/2
1 x PS/2
INTERNAL I/O
Serial
1 x RS-232/422/485
USB
2 x USB 3.2 Gen1
2 x USB 2.0
1 x Vertical USB 2.0
Audio
1 x Front Audio
DIO
16-bit DIO
LPC
1 x LPC
SATA
4 x SATA 3.0
RAID 0/1/5/10
SMBus
1 x SMBus
MCIO
2 x MCIO
SECURITY
TPM
TPM 2.0
POWER
Type
ATX
ENVIRONMENT
Temperature
Operating: 0 to 60°C
MECHANICAL
Dimensions
305 x 365 mm
Height
PCB: TBD
Top Side: TBD, Bottom Side: TBD
SPECIFICATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com