Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS630 Datasheet(PDF) 4 Page - DFI Inc

Part # CMS630
Description  10th Gen Intel® CoreTM ATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS630 Datasheet(HTML) 4 Page - DFI Inc

  CMS630 Datasheet HTML 1Page - DFI Inc CMS630 Datasheet HTML 2Page - DFI Inc CMS630 Datasheet HTML 3Page - DFI Inc CMS630 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
Model Name
CMS630-W480E
CMS630-Q470E
INTERNAL I/O
SATA
4 x SATA 3.0 (up to 6Gb/s, SATA 3)
RAID 0/1/5/10
4 x SATA 3.0 (up to 6Gb/s, SATA 3)
RAID 0/1/5/10
PS/2
1 x PS/2 (mini-DIN-6)
1 x PS/2 (mini-DIN-6)
LPC
1 x LPC (supports LPC EXT-RS232/RS485 module) 1 x LPC (supports LPC EXT-RS232/RS485 module)
DIO
1 x 16-bit DIO
1 x 16-bit DIO
SMBus
1 x SMBus
1 x SMBus
WATCHDOG
TIMER
Output &
Interval
System Reset, Programmable via Software from
1 to 255 Seconds
System Reset, Programmable via Software from
1 to 255 Seconds
SECURITY
TPM
Infineon TPM2.0 (opt., MOQ required)
Infineon TPM2.0 (opt., MOQ required)
POWER
Type
ATX
ATX
Connector
8-pin ATX 12V power
24-pin ATX power
8-pin ATX 12V power
24-pin ATX power
Consumption
Typical: i9-10900K: 3.3V @ 0.17A (0.56W);
5V @ 0.74A (3.7W); 12V @ 0.41A (4.92W)
Max.: i9-10900K:3.3V @ 0.21A (0.69W);
5V @ 1.73A (8.65W); 12V @ 12.48A (149.76W)
Typical: i9-10900K: 3.3V @ 0.17A (0.56W);
5V @ 0.74A (3.7W); 12V @ 0.41A (4.92W)
Max.: i9-10900K:3.3V @ 0.21A (0.69W);
5V @ 1.73A (8.65W); 12V @ 12.48A (149.76W)
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Windows Server 2019 (opt. only support Intel®
i210)
Windows 10 IoT Enterprise 64-bit
Windows Server 2019 (opt. only support Intel®
i210)
Linux
Linux
Linux
ENVIRONMENT
Temperature
Operating: -5 to 65°C
Storage: -30 to 60°C with RTC Battery;
-40 to 85°C without RTC Battery
Operating: -5 to 65°C
Storage: -30 to 60°C with RTC Battery;
-40 to 85°C without RTC Battery
Humidity
Operating: 5 to 95% RH
Storage: 5 to 95% RH
Operating: 5 to 95% RH
Storage: 5 to 95% RH
MTBF
492,929 hrs @ 25°C ; 274,924 hrs @ 45°C ;
171,243 hrs @ 60°C
Calculation Model: Telcordia Issue 4
Environment: GB, GC - Ground Benign, Controlled
492,929 hrs @ 25°C ; 274,924 hrs @ 45°C ;
171,243 hrs @ 60°C
Calculation Model: Telcordia Issue 4
Environment: GB, GC - Ground Benign, Controlled
MECHANISM
Dimensions
ATX Form Factor
305mm (12") x 244mm (9.6")
ATX Form Factor
305mm (12") x 244mm (9.6")
Height
PCB: 1.6mm
Top Side: 33.3mm
Bottom Side: 4mm
PCB: 1.6mm
Top Side: 33.3mm
Bottom Side: 4mm
CERTIFICATIONS
Certifications
CE, FCC Class B, RoHS, UKCA, KC, UL
CE, FCC Class B, RoHS, UKCA, KC, UL
SPECIFICATION
PACKING LIST
OPTIONAL ITEMS
ORDERING INFORMATION
Model Name
Part Number
Memory
GbE
RS-232/422/485
USB 3.2
Gen2
USB 3.2
Gen1
USB 2.0 TPM 2.0
Power
Temp.
CMS630-W480ECRM 770-CMS6303-000G
4 UDIMM
2
2
4
2
6
-
24-pin ATX/
8-pin ATX 12V
-5 to 65°C
CMS630-Q470ECRM
770-CMS6303-100G
-
CMS630-W480ECRM 770-CMS6303-200G
1
CMS630-Q470ECRM
770-CMS6303-300G
1
·
1 CMS630 motherboard
·
1 COM port cables (Length: 300mm, 2 x COM ports) A81-015026-023G
·
1 Serial ATA data cable (Length: 500mm)
332-553001-005G
·
1 I/O shield
A49-CMS630-000G
·
1 M.2 screw/standoff
A32-112016-041G
·
USB 2.0 port cable (Length: 350/398mm)
A81-001066-016G
·
USB 3.2 Gen2 port cable (Length: 300mm)
A81-001075-017G
·
COM port cable (Length: 300mm, 2 x COM ports)
A81-015026-023G
·
Serial ATA data cable (Length: 500mm, W/LOCK)
332-553001-005G
·
Thermal solution (For 35W, Height: 37.3mm)
A71-101107-000G
·
Thermal solution (For 65W, Height: 74.47mm)
A71-101158-000G
·
Thermal solution (For 95W, Height: 77.2mm)
761-103001-000G 
·
DP to HDMI Dongle
612-D2H13M-000G
·
PS2 KB/MS Cable (Length: 400mm)
332-353016-009G
·
EXT-RS232 (4 ports RS-232 LPC module)
770-EXTRS1-000G
·
EXT-RS485 (4 ports RS-485 LPC module)
770-EXTRS1-100G
·
M.2-COM4 (M.2 serial port module)
770-M2COM1-000G
·
M.2-2LAN (M.2 LAN port module)
770-M22LN2-000G
·
M.2-2PSE (M.2 PSE module)
770-M22PS1-000G
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. @ December 7, 2024 DFI Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com