Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS631 Datasheet(PDF) 1 Page - DFI Inc

Part # CMS631
Description  10th Gen Intel® CoreTM ATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS631 Datasheet(HTML) 1 Page - DFI Inc

  CMS631 Datasheet HTML 1Page - DFI Inc CMS631 Datasheet HTML 2Page - DFI Inc CMS631 Datasheet HTML 3Page - DFI Inc CMS631 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
10th Gen Intel® CoreTM
ATX
KEY FEATURES
DDR4
4K High
Resolution
Multiple
Displays
Multiple
Expansion
Rich I/O
Supports 4K/ 2K reso-
lution
1 PCIe x16, 1 PCIe x4,
5 PCI, 1 M.2 M key,
1 M.2 E key
CMS631-Q470E
CMS631-H420E
Desktop
Top View
(CMS631-Q470E)
VGA
COM 1
Line-out
Mic-in
HDMI
DP++
USB 2.0
LAN 1 LAN 2
USB 3.2
Gen1
USB 3.2
Gen2
KB/MS
M.2 M key
DDR4 UDIMM
System Fan 1
System Fan 2
LPC
ATX Power
12V ATX Power
LGA 1200
CPU Fan
SATA
Front Panel
COM 6
USB 2.0 2x
USB 3.2 Gen1 2x
System Fan 3
USB 2.0 Type A
COM 5
COM 4
COM 3
M.2 E key
M.2 M key
USB 2.0 2x (colay
vertical Type A)
SATA
Front Audio
PCI
PCI x16
PCI x4
16-bit DIO
DIO Power
Intel Q470E/H420E Chipset
LAN LED
COM 2
S/PDIF
Q470E: 2 DDR4 UDIMM
up to 128GB
H420E: 2 DDR4 UDIMM
up to 64GB
Q470E: VGA + DP++ + HDMI
H420E: VGA + DP++,
VGA + HDMI, DP++ + HDM
2 Intel GbE, 6 COM
Q470E: 13 USB
H420E: 10 USB


Similar Part No. - CMS631

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CMS630 DFI-CMS630 Datasheet
2Mb / 4P
10th Gen Intel® CoreTM ATX
CMS630-Q470ECRM DFI-CMS630-Q470ECRM Datasheet
2Mb / 4P
10th Gen Intel® CoreTM ATX
CMS630-W480ECRM DFI-CMS630-W480ECRM Datasheet
2Mb / 4P
10th Gen Intel® CoreTM ATX
CMS632 DFI-CMS632 Datasheet
1Mb / 4P
10th Gen Intel® CoreTM ATX
CMS632-Q470ECRM DFI-CMS632-Q470ECRM Datasheet
1Mb / 4P
10th Gen Intel® CoreTM ATX
More results

Similar Description - CMS631

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
DL631-C226 GSR-DL631-C226 Datasheet
733Kb / 2P
4th Gen Intel짰 Xeon짰 / Intel짰 CoreTM ATX
HD631-Q87 GSR-HD631-Q87 Datasheet
1Mb / 2P
4th Gen Intel짰 CoreTM ATX
HD632-H81 GSR-HD632-H81 Datasheet
526Kb / 2P
4th Gen Intel짰 CoreTM ATX
logo
DFI Inc
HM961-HM86 DFI-HM961-HM86 Datasheet
1,011Kb / 2P
4th Gen Intel CoreTM COM Express Basic
HM961-QM87 DFI-HM961-QM87 Datasheet
849Kb / 2P
4th Gen Intel CoreTM COM Express Basic
SU251 DFI-SU251 Datasheet
992Kb / 2P
6th Gen Intel CoreTM 4"||" "1251089
6th Gen Intel Core 4"||" "1251090
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
logo
Advantech Co., Ltd.
AIMB-277 ADVANTECH-AIMB-277 Datasheet
5Mb / 6P
Intel® 10th Gen Core™ processor,LGA1200 Mini-ITX motherboard
20-Apr-2022
MIO-5377 ADVANTECH-MIO-5377 Datasheet
998Kb / 2P
12th Gen. Intel® CoreTM i7/ i5/ i3 P-series 3.5" SBC
13-Jul-2022
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com