Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS632 Datasheet(PDF) 1 Page - DFI Inc

Part # CMS632
Description  10th Gen Intel® CoreTM ATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS632 Datasheet(HTML) 1 Page - DFI Inc

  CMS632 Datasheet HTML 1Page - DFI Inc CMS632 Datasheet HTML 2Page - DFI Inc CMS632 Datasheet HTML 3Page - DFI Inc CMS632 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
10th Gen Intel® CoreTM
ATX
KEY FEATURES
DDR4
4K High
Resolution
Triple
Displays
Multiple
Expansion
Rich I/O
4 DDR4 UDIMM up to
128GB
Supports 4K/ 2K reso-
lution
VGA + DP++ + HDMI
2 PCIe x16(1 x16 signal
or 2 x8 signal), 4 PCIe
x4, 1 PCI, 2 M.2 M Key,
1 M.2 E Key
2 Intel GbE, 4 USB 3.2
Gen2, 2 USB 3.2 Gen1,
7 USB 2.0
CMS632-W480E/Q470E
Top View
Desktop
DIO
Front Audio
LAN LED
S/PDIF
DIO Power
PCIe x4
PCI
USB 2.0 2x
Intel W480E/Q470E
Chipset
USB 2.0 Type A
PCIe x16
SATA
COM 2~6
System Fan_2
M.2 M Key (SATA)
M.2 M Key
M.2 E Key
PS/2
Front Panel
ATX Power
DDR4 UDIMM
LPC
USB 3.2 Gen2 2x
CPU Fan
System Fan_1
12V ATX Power
LGA 1200
VGA
COM 1
Line-out
Mic-in
HDMI
DP++
USB 2.0
LAN 1 LAN 2
USB 3.2
Gen2
USB 3.2
Gen1


Similar Part No. - CMS632

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CMS630 DFI-CMS630 Datasheet
2Mb / 4P
10th Gen Intel® CoreTM ATX
CMS630-Q470ECRM DFI-CMS630-Q470ECRM Datasheet
2Mb / 4P
10th Gen Intel® CoreTM ATX
CMS630-W480ECRM DFI-CMS630-W480ECRM Datasheet
2Mb / 4P
10th Gen Intel® CoreTM ATX
CMS631 DFI-CMS631 Datasheet
1Mb / 4P
10th Gen Intel® CoreTM ATX
CMS631-H420EC DFI-CMS631-H420EC Datasheet
1Mb / 4P
10th Gen Intel® CoreTM ATX
More results

Similar Description - CMS632

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
DL631-C226 GSR-DL631-C226 Datasheet
733Kb / 2P
4th Gen Intel짰 Xeon짰 / Intel짰 CoreTM ATX
HD631-Q87 GSR-HD631-Q87 Datasheet
1Mb / 2P
4th Gen Intel짰 CoreTM ATX
HD632-H81 GSR-HD632-H81 Datasheet
526Kb / 2P
4th Gen Intel짰 CoreTM ATX
logo
DFI Inc
HM961-HM86 DFI-HM961-HM86 Datasheet
1,011Kb / 2P
4th Gen Intel CoreTM COM Express Basic
HM961-QM87 DFI-HM961-QM87 Datasheet
849Kb / 2P
4th Gen Intel CoreTM COM Express Basic
SU251 DFI-SU251 Datasheet
992Kb / 2P
6th Gen Intel CoreTM 4"||" "1251089
6th Gen Intel Core 4"||" "1251090
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
logo
Advantech Co., Ltd.
AIMB-277 ADVANTECH-AIMB-277 Datasheet
5Mb / 6P
Intel® 10th Gen Core™ processor,LGA1200 Mini-ITX motherboard
20-Apr-2022
MIO-5377 ADVANTECH-MIO-5377 Datasheet
998Kb / 2P
12th Gen. Intel® CoreTM i7/ i5/ i3 P-series 3.5" SBC
13-Jul-2022
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com