Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1301 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1301
Description  Optocoupler, High-Voltage Darlington Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1301 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1301 Datasheet HTML 1Page - Clare, Inc. CPC1301 Datasheet HTML 2Page - Clare, Inc. CPC1301 Datasheet HTML 3Page - Clare, Inc. CPC1301 Datasheet HTML 4Page - Clare, Inc. CPC1301 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-CPC1301-R01
1
CPC1301
Optocoupler, High-Voltage Darlington Output
Part Number
Description
CPC1301G
4-Pin DIP (50/Tube)
CPC1301GR
4-Pin Surface Mount (50/Tube)
CPC1301GRTR
4-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Breakdown Voltage - BV
CEO
350
V
P
Current Transfer Ratio - CTR
1000-8000
%
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Loop Detect
• Ringing Detect
• Current Sensing
• 5000V
rms Input/Output Isolation
• Small 4-Pin Package
• 350V
P Breakdown Voltage
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Version Available
The CPC1301 is an optocoupler with a unidirectional
input and a high-voltage Darlington output. Light
output from the highly efficient GaAlAs infrared LED
activates the optically coupled silicon NPN
photo-Darlington output transistor. The input LED and
the output transistor are separated by a 5000V
rms
isolation barrier.
With an LED current of only 1mA, a current transfer
ratio of 1000% to 8000% is guaranteed at the
collector of the 350V Darlington output transistor.
The CPC1301's low input current, high current
transfer ratio, high output voltage capability, and
large isolation barrier rating make it ideal for many
applications such as telecom, industrial, and power
control.
Approvals
1
A
K
C
E
2
4
3
• UL Recognized: File # Pending
• CSA Certified: File Number 156092 (LR 43639)
• EN/IEC 60950-1 compliant


Similar Part No. - CPC1301

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1301 IXYS-CPC1301 Datasheet
126Kb / 6P
Optocoupler with High-Voltage Darlington Output
CPC1301G IXYS-CPC1301G Datasheet
126Kb / 6P
Optocoupler with High-Voltage Darlington Output
CPC1301GR IXYS-CPC1301GR Datasheet
126Kb / 6P
Optocoupler with High-Voltage Darlington Output
CPC1301GRTR IXYS-CPC1301GRTR Datasheet
126Kb / 6P
Optocoupler with High-Voltage Darlington Output
More results

Similar Description - CPC1301

ManufacturerPart #DatasheetDescription
logo
NEC
PS2603 NEC-PS2603 Datasheet
119Kb / 4P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE 6 PIN OPTOCOUPLER
logo
Clare, Inc.
CPC1302 CLARE-CPC1302 Datasheet
119Kb / 5P
Dual Optocoupler, High-Voltage Darlington Output
LDA110 CLARE-LDA110_1 Datasheet
116Kb / 5P
Bidirectional Input, Darlington Transistor Output Optocoupler
LDA111 CLARE-LDA111_1 Datasheet
116Kb / 5P
Unidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
LDA111 IXYS-LDA111 Datasheet
118Kb / 6P
Optocoupler, Unidirectional Input Darlington-Transistor Output
logo
ISOCOM COMPONENTS
H11G1 ISOCOM-H11G1_08 Datasheet
76Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED
logo
California Eastern Labs
PS2603 CEL-PS2603 Datasheet
123Kb / 4P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE 6 PIN OPTOCOUPLER
logo
IXYS Corporation
CPC1302 IXYS-CPC1302 Datasheet
121Kb / 6P
Dual Optocoupler High-Voltage Darlington Output
CPC1301 IXYS-CPC1301 Datasheet
126Kb / 6P
Optocoupler with High-Voltage Darlington Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com