Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1986 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1986
Description  i4-PAC??Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1986 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1986 Datasheet HTML 1Page - Clare, Inc. CPC1986 Datasheet HTML 2Page - Clare, Inc. CPC1986 Datasheet HTML 3Page - Clare, Inc. CPC1986 Datasheet HTML 4Page - Clare, Inc. CPC1986 Datasheet HTML 5Page - Clare, Inc. CPC1986 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CPC1986
i4-PAC™ Power Relay
www.clare.com
DS-CPC1986-R04
1
e3
RoHS
2002/95/EC
Applications
Features
Description
Ordering Information
Parameter
Rating
Units
Blocking Voltage
1000
V
P
Load Current, T
A=25ºC
With 5ºC/W Heat Sink
1.6
A
rms
No Heat Sink
0.65
On-resistance
3
Ω
RθJC
0.35
°C/W
Pin Configuration
Part Number
Description
CPC1986J
i4-PAC 25 per tube
Switching Characteristics of
Normally Open (Form A) Devices
Clare and IXYS have combined to bring OptoMOS®
technology, reliability and compact size to a new
family of high power Solid State Relays.
As part of this family, the CPC1986J single pole
normally open (1-Form-A) Solid State Power Relay is
rated for up to 1.6A
rms continuous load current with a
5ºC/W heat sink.
The CPC1986J employs optically coupled MOSFET
technology to provide 2500V
rms of input to output
isolation. The output is constructed with efficient
MOSFET switches and photovoltaic die that use
Clare’s patented OptoMOS architecture while the
input, a highly efficient GaAlAs infrared LED provides
the optically coupled control. The combination of
low on-resistance and high load current handling
capability makes this relay suitable for a variety of
high performance switching applications.
The unique i4-PAC package pioneered by IXYS
allows Solid State Relays to achieve the highest load
current and power ratings. This package features
a unique IXYS process where the silicon chips are
soft soldered onto the Direct Copper Bond (DCB)
substrate instead of the traditional copper leadframe.
The DCB ceramic, the same substrate used in high
power modules, not only provides 2500V
rms isolation
but also very low thermal resistance (0.35 °C/W).
• Industrial Controls
• Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Transportation Equipment
• Aerospace/Defense
CONTROL
I
LOAD
10%
90%
TON
TOFF
+
+
Approvals
• UL recognized component: File # E69938
• Certified to: UL 508
• Compact i4-PAC Power Package
• Low Thermal Resistance (0.35 °C/W)
• 1.6A
rms Load Current with 5ºC/W Heat Sink
• Electrically Non-conductive Thermal Pad for Heat
Sink Applications
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• 2500V
rms Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable


Similar Part No. - CPC1986

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1986 CLARE-CPC1986 Datasheet
888Kb / 7P
i4-PAC??Power Relay
logo
IXYS Corporation
CPC1986 IXYS-CPC1986 Datasheet
199Kb / 7P
Low Drive Power Requirements
logo
Clare, Inc.
CPC1986J CLARE-CPC1986J Datasheet
888Kb / 7P
i4-PAC??Power Relay
logo
IXYS Corporation
CPC1986J IXYS-CPC1986J Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1986J IXYS-CPC1986J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1986

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1978J CLARE-CPC1978J Datasheet
236Kb / 5P
i4-PAC??Power Relay
CPC1908 CLARE-CPC1908 Datasheet
151Kb / 6P
i4-PAC??Power Relay
CPC1967 CLARE-CPC1967 Datasheet
145Kb / 6P
i4-PAC??Power Relay
CPC1977 CLARE-CPC1977 Datasheet
145Kb / 6P
i4-PAC??Power Relay
CPC1978 CLARE-CPC1978 Datasheet
152Kb / 6P
i4-PAC??Power Relay
CPC1777 CLARE-CPC1777_10 Datasheet
915Kb / 7P
i4-PAC??DC Power Relay
CPC1908 CLARE-CPC1908_10 Datasheet
886Kb / 7P
i4-PAC??Power Relay
CPC1967 CLARE-CPC1967_11 Datasheet
896Kb / 7P
i4-PAC??Power Relay
CPC1978 CLARE-CPC1978_11 Datasheet
910Kb / 7P
i4-PAC??Power Relay
CPC1986 CLARE-CPC1986_11 Datasheet
888Kb / 7P
i4-PAC??Power Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com