Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7595 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC7595
Description  Line Card Access Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7595 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC7595 Datasheet HTML 1Page - Clare, Inc. CPC7595 Datasheet HTML 2Page - Clare, Inc. CPC7595 Datasheet HTML 3Page - Clare, Inc. CPC7595 Datasheet HTML 4Page - Clare, Inc. CPC7595 Datasheet HTML 5Page - Clare, Inc. CPC7595 Datasheet HTML 6Page - Clare, Inc. CPC7595 Datasheet HTML 7Page - Clare, Inc. CPC7595 Datasheet HTML 8Page - Clare, Inc. CPC7595 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DS-CPC7595 - R00B
www.clare.com
1
Features
• Enhanced SW8, Ringing Test Switch, breakdown
voltage
• TTL logic level inputs for 3.3V logic interfaces
• Smart logic for power up / hot plug state control
• Improved switch dv/dt immunity of 500 V/
μs
• Small 20 pin or 28 pin SOIC or 28 pin, thermally
enhanced dual, flat, no-lead (DFN) package
• DFN version provides 65% PCB area reduction over
4th generation EMRs
• Monolithic IC reliability
• Low, matched, R
ON
• Eliminates the need for zero-cross switching
• Flexible switch timing for transition from ringing
mode to talk mode.
• Clean, bounce-free switching
• SLIC tertiary protection via integrated current
limiting, voltage clamping and thermal shutdown
• 5 V operation with power consumption < 10.5 mW
• Intelligent battery monitor
Applications
• Standard voice linecards
• Integrated Voice and Data (IVD) linecards
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks
Description
The CPC7595 is a member of Clare’s next generation
Line Card Access Switch (LCAS) family. This
monolithic 10-pole line card access switch is available
in a 20 or 28 pin SOIC or a 28 pin DFN package. It
provides the necessary functions to replace three
2-Form-C electromechanical relays on analog line
cards or combined voice and data line cards found in
central office, access, and PBX equipment. The
device contains solid state switches for tip and ring line
break, ringing injection and test access. The CPC7595
requires only a +5 V supply and provides stable start
up conditioning during system power up and for hot
plug insertion. Once active, the inputs respond to
traditional TTL logic levels enabling the CPC7595 to
be used with 3.3V only logic.
Ordering Information
For delivery in tubes, specify CPC7595Zx for the 20
pin SOIC (38/tube), CPC7595Bx for the 28 pin SOIC
(27/tube), or CPC7595Mx for the DFN (33/tube). For
tape and reel delivery, add “TR”, without quotes, to the
part number. SOIC: 20 or 28 pin (500/reel), DFN
(1000/reel).
Part Number
Description
CPC7595xA
With protection SCR
CPC7595xB
Without protection SCR
CPC7595xC
Extra logic state and protection SCR
CPC7595
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
TESTin
IN
RINGING
IN
TESTout
T
SD
LATCH
7
10
8
5
22
6
12
13
14
28
1
24
20
19
23
17
16
15
18
L
A
T
C
H
Switch
Control
Logic
SCR
Trip
Circuit
+5 Vdc
SLIC
Secondary
Protection
X
X
X
X
X
X
XX
X SW5
SW7
SW6
SW2
SW4
SW10
SW8
T
TESTin (T
)
CHANTEST
T
TESTout
(T
)
DROPTEST
R
TESTout
(R
)
DROPTEST
R
TESTin (R
)
CHANTEST
T
RINGING
SW3
SW9
SW1
300
(min.)
Ω
RINGING
V
BAT
X
Tip
Ring
NOTE 1: Pin assignments are for the 28 pin package.
NOTE 2: Block diagram shown with the optional protection SCR.
R
RINGING
CPC7595
Line Card Access Switch


Similar Part No. - CPC7595

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7595 CLARE-CPC7595 Datasheet
664Kb / 24P
Line Card Access Switch
logo
IXYS Corporation
CPC7595 IXYS-CPC7595 Datasheet
1Mb / 25P
Line Card Access Switch
logo
Clare, Inc.
CPC7595BATR CLARE-CPC7595BATR Datasheet
664Kb / 24P
Line Card Access Switch
CPC7595BBTR CLARE-CPC7595BBTR Datasheet
664Kb / 24P
Line Card Access Switch
CPC7595BCTR CLARE-CPC7595BCTR Datasheet
664Kb / 24P
Line Card Access Switch
More results

Similar Description - CPC7595

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com