Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1865ACMS Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1865ACMS
Description  關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865ACMS Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1865ACMS Datasheet HTML 12Page - Linear Technology LTC1865ACMS Datasheet HTML 13Page - Linear Technology LTC1865ACMS Datasheet HTML 14Page - Linear Technology LTC1865ACMS Datasheet HTML 15Page - Linear Technology LTC1865ACMS Datasheet HTML 16Page - Linear Technology LTC1865ACMS Datasheet HTML 17Page - Linear Technology LTC1865ACMS Datasheet HTML 18Page - Linear Technology LTC1865ACMS Datasheet HTML 19Page - Linear Technology LTC1865ACMS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1864/LTC1865
sn18645 18645fs
LT/TP 0502 2K • PRINTED IN USA
RELATED PARTS
© LINEAR TECHNOLOGY CORPORATION 2001
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
PART NUMBER
SAMPLE RATE
POWER DISSIPATION
DESCRIPTION
14-Bit Serial I/O ADCs
LTC1417
400ksps
20mW
16-Pin SSOP, Unipolar or Bipolar, Reference, 5V or ±5V
LTC1418
200ksps
15mW
Serial/Parallel I/O, Internal Reference, 5V or ±5V
16-Bit Serial I/O ADCs
LTC1609
200ksps
65mW
Configurable Bipolar or Unipolar Input Ranges, 5V
References
LT1460
Micropower Precision Series Reference
Bandgap, 130µA Supply Current, 10ppm/°C, Available in SOT-23
LT1790
Micropower Low Dropout Reference
60µA Supply Current, 10ppm/°C, SOT-23
Op Amps
LT1468/LT1469
Single/Dual 90MHz, 16-Bit Accurate Op Amps
22V/µs Slew Rate, 75µV/125µV Offset
LT1806/LT1807
Single/Dual 325MHz Low Noise Op Amps
140V/µs Slew Rate, 3.5nV/√Hz Noise, – 80dBc Distortion
LT1809/LT1810
Single/Dual 180MHz Low Distortion Op Amps
350V/µs Slew Rate, – 90dBc Distortion at 5MHz
TYPICAL APPLICATIO
–
+
–
+
0.1µF
0.1µF
0.1µF
0.1µF
1µF
1µF
0.1µF1µF
100Ω
100Ω
28.7k
10k
4.096V
REF
5V
5V
5k
5k
10k
20k
100pF
100pF
5pF
1/2
LT1492
1/2
LT1492
f1
(0V TO 0.66V)
f2
(0V TO 2V)
8
4
2
81
7
6
5
4
3
4.096V
REF
LTC1864
IN+
IN–
VCC
GND
CONV
SDO
SCK
REF
1860 TA03
Sample Two Channels Simultaneously with a Single Input ADC
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
5
10 15 20 25 30 35 40 45 50
FREQUENCY (kHz)
1864/65 TA03b
f1 = 7.507324kHz AT 530mVP-P
f2 = 45.007324kHz AT 1.7VP-P
fS = 100kHz
4096 Point FFT of Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com