Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5NK80Z Datasheet(PDF) 10 Page - STMicroelectronics

Part # P5NK80Z
Description  N-channel 800V - 1.9廓 - 4.3A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P5NK80Z Datasheet(HTML) 10 Page - STMicroelectronics

Back Button P5NK80Z Datasheet HTML 6Page - STMicroelectronics P5NK80Z Datasheet HTML 7Page - STMicroelectronics P5NK80Z Datasheet HTML 8Page - STMicroelectronics P5NK80Z Datasheet HTML 9Page - STMicroelectronics P5NK80Z Datasheet HTML 10Page - STMicroelectronics P5NK80Z Datasheet HTML 11Page - STMicroelectronics P5NK80Z Datasheet HTML 12Page - STMicroelectronics P5NK80Z Datasheet HTML 13Page - STMicroelectronics P5NK80Z Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Test circuit
STP5NK80Z - STP5NK80ZFP
10/15
3
Test circuit
Figure 16. Unclamped Inductive load test
circuit
Figure 17. Unclamped Inductive waveform
Figure 18. Switching times test circuit for
resistive load
Figure 19. Gate charge test circuit
Figure 20. Test circuit for inductive load
switching and diode recovery times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com