Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS100-C246D Datasheet(PDF) 2 Page - DFI Inc

Part # CS100-C246D
Description  9th/8th Gen Intel® CoreTM Processor Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS100-C246D Datasheet(HTML) 2 Page - DFI Inc

  CS100-C246D Datasheet HTML 1Page - DFI Inc CS100-C246D Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CS100-Q370/C246/H310
Specifications
Packing List
Optional Items
• 1 CS100 motherboard
• 1 COM port cable (Length: 250mm, 1 x COM ports)
A81-015011-001G
• 1 I/O shield
A49-CS1000-000G
• 1 Serial ATA data with power cable (Length: 500mm) 332-553001-005G
• COM port cable (Length: 250mm, 1 x COM ports)
A81-015011-001G
• Serial ATA data with power cable (Length: 500mm)
332-553001-005G
• Thermal solution (For 35W, Height: 37.3mm)
A71-103004-000G
• Thermal solution (For 65W, Height: 74.47mm)
A71-101158-000G
• Thermal solution (For 95W, Height: 77.2mm)
761-103001-000G
• LPC EXT-RS232 module (4 x RS232 ports)
770-EXTRS1-000G
• LPC EXT-RS485 module (4 x RS485 ports)
770-EXTRS1-100G
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 15, 2023 DFI Inc.
SYSTEM
Processor
9th Generation Intel® Core™ Processors, LGA 1151 Socket, TDP up to 65W
Intel® Core i7-9700TE Processor (Core 8; Max speed 3.8 GHz; TDP 35W)
Intel® Core i5-9500E Processor (Core 6; Max speed 4.2 GHz; TDP 65W)
Intel® Core i5-9500TE Processor (Core 6; Max speed 3.6 GHz; TDP 35W)
Intel® Core i3-9100E Processor (Core 4; Max speed 3.7 GHz; TDP 65W)
Intel® Core i3-9100TE Processor (Core 4; Max speed 3.2 GHz; TDP 35W)
8th Generation Intel® Core™ Processors, LGA 1151 Socket, TDP up to 80W
Intel® Xeon E-2176G Processor (Core 6; Max speed 4.7 GHz; TDP 80W) (support ECC Memory)
Intel® Core™ i7-8700 Processor (Core 6; Max speed 4.6 GHz; TDP 65W)
Intel® Core™ i5-8500 Processor (Core 6; Max speed 4.1 GHz; TDP 65W)
Intel® Core™ i3-8100 Processor (Core 4; Max speed 3.6 GHz; TDP 65W) (support ECC Memory)
Intel® Pentium G5400 Processor (Core 2; Max speed 3.7 GHz; TDP 58W) (support ECC Memory)
Intel® Celeron G4900 Processor (Core 2; Max speed 3.1 GHz; TDP 54W) (support ECC Memory)
Memory
Two 260-pin SODIMM up to 32GB
Dual Channel DDR4 2400/2666MHz (C246 supoort ECC)
Chipset
Intel® Q370/C246/H310 Chipset
BIOS
AMI SPI 128Mbit
GRAPHICS
Controller
Intel® UHD Graphics 630 (Pentium G5400, Celeron G4900 support Intel® UHD Graphics 610)
Feature
OpenGL 4.4, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2, JPEG, HEVC/H265, VP8, VP9
Display
1 x LVDS
1 x VGA
2 x DP++
LVDS: resolution up to 1920x1200 @ 60Hz
VGA: resolution up to 1920x1200 @ 60Hz
DP: resolution up to 4096x2304 @ 60Hz
Triple Displays
LVDS+VGA+DP++, LVDS+DP++ +DP++, VGA+ DP++ +DP++
EXPANSION
Interface
Q370/C246:
1 x PCIe x16 (Gen 3)
1 x Full-size Mini PCIe (& mSATA)
H310:
1 x PCIe x16 (Gen 3)
1 x mSATA
AUDIO
Audio Codec
Realtek ALC888S-VD2-GR
ETHERNET
Controller
C246/Q370: 1 x Intel® I219LM PHY, 1 x Intel® i210AT PCIe (10/100/1000Mbps) (only Core i7/i5 support iAMT)
H310: 1 x Intel® I219V PHY, 1 x Intel® i210AT PCIe (10/100/1000Mbps)
REAR I/O
Ethernet
2 x GbE (RJ-45)
USB
Q370/C246:
2 x USB 3.1 Gen2
2 x USB 3.1 Gen1
4 x USB 2.0
H310:
4 x USB 3.1 Gen1
4 x USB 2.0
Display
1 x VGA
2 x DP++
Serial
1 x RS-232 (DB-9)
Audio
1 x Line-in (available upon request)
1 x Line-out, 1 x Mic-in
INTERNAL I/O
Serial
1 x RS-232 (RS-232 w/ power)(2.0mm pitch)
Display
1 x LVDS LCD Panel Connector
1 x LCD/Inverter Power
Audio
1 x S/PDIF
1 x Front Audio
SATA
3 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5
DIO
1 x 8-bit DIO
LPC
1 x LPC (support LPC EXT-RS232/RS485 module)
WATCHDOG TIMER Output & Interval System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
dTPM2.0 (available upon request)
POWER
Type
ATX
Connector
4-pin ATX 12V power
24-pin ATX power
RTC Battery
CR2032 Coin Cell
Consumption
Idle: i7-8700 65W: 12V @ 0.39A (4.68W), 5V @ 0.53A (2.65W), 3.3V @ 0.23A (0.795W)
Max: i7-8700 65W: 12V @ 11.24A (134.88W), 5V @ 1.14A (5.7W), 3.3V @ 0.25A (0.825W)
OS SUPPORT
Microsoft/Linux
Windows 10 IoT Enterprise 64-bit
Linux
ENVIRONMENT
Temperature
Operating: 0 to 60°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
CS100-C246: 639,615 hrs @ 25°C; 393,053 hrs @ 45°C ; 259,094 hrs @ 60°C
CS100-Q370: 639,615 hrs @ 25°C; 393,053 hrs @ 45°C ; 259,094 hrs @ 60°C
CS100-H310: 640,703 hrs @ 25°C; 393,874 hrs @ 45°C ; 259,692 hrs @ 60°C
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground Benign, Controlled
MECHANICAL
Dimensions
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Height
PCB: 1.6mm
Top Side: 20mm, Bottom Side: 3mm
CERTIFICATIONS
CE, FCC Class B, RoHS, KC, UKCA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com