Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC12 Datasheet(PDF) 1 Page - DFI Inc

Part # DC12
Description  DC to DC Converters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

DC12 Datasheet(HTML) 1 Page - DFI Inc

  DC12 Datasheet HTML 1Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
X102-DC12
Mechanical Drawing
Features
Specifications
DC to DC Converters
DIMENSIONS
146mm x 50mm (5.75" x 1.97")
INPUT VOLTAGE
• 11.4V - 12.6V
OUTPUT VOLTAGE
• Power for DC voltages
MAXIMUM OUTPUT
• 130W
CONNECTORS
• One DC 12V jack
• One 4-pin ATX +12V power
• One 20-pin ATX power
ENVIRONMENTS
• Temperature: 0-60oC/32-140oF
• Relative Humidity: 10%-90%
DC INPUT
• 2.5mm 12V jack
DIMENSIONS
• 4 layers, 146mm x 50mm (5.74" x 1.96")
• Height: 25mm
+12V power
ATX power
DC 12V jack
FDD power
0.00
42.00
0.00
8.10
15.60
33.20
42.00
42.60
25.40
4.00
46.00
X102-DC12
Output Voltage
Output Current
Power Output
Test Result
+3.3V
5A
16.5W
125.9W
+5V
5A
25W
5VSB
2A
10W
+12V
6A
72W
-12V
0.2A
2.4W
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © March 12, 2014 DFI Inc.


Similar Part No. - DC12

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC12 SCHURTER-DC12 Datasheet
928Kb / 7P
IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12 SCHURTER-DC12 Datasheet
383Kb / 2P
US Power Supply Cord with IEC Connector C13, V-Lock, straight
DC12 SCHURTER-DC12 Datasheet
379Kb / 2P
EU Power Supply Cord with IEC Connector C13, V-Lock, straight
DC12 SCHURTER-DC12 Datasheet
380Kb / 2P
IEC Interconnection Cord with IEC Connector C13, V-Lock, straight
DC12 SCHURTER-DC12 Datasheet
383Kb / 2P
IEC Interconnection Cord with IEC Connector C13, V-Lock, straight
More results

Similar Description - DC12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E03-56M1 ETC-E03-56M1 Datasheet
60Kb / 1P
3 WATT DC TO DC CONVERTERS
D01-01 ETC1-D01-01 Datasheet
51Kb / 1P
1 WATT DC TO DC CONVERTERS
logo
TDK Electronics
CAK-001 TDK-CAK-001 Datasheet
145Kb / 2P
TDK DC to DC Converters, DC to AC inverters
logo
Tumbler Technologies + ...
PD40-10 TRUMPOWER-PD40-10 Datasheet
224Kb / 3P
40 WATT DC TO DC CONVERTERS
PD110-10 TRUMPOWER-PD110-10 Datasheet
230Kb / 3P
110 WATT DC TO DC CONVERTERS
PD40 TRUMPOWER-PD40 Datasheet
224Kb / 3P
40 WATT DC TO DC CONVERTERS
logo
Technology Dynamics Inc...
TSD-25A-05 TECHNOLOGY-TSD-25A-05 Datasheet
268Kb / 2P
DC TO DC CONVERTERS
logo
TDK Electronics
CCG TDK-CCG Datasheet
3Mb / 8P
1.3 to 10.8W DC-DC Converters
February 21st 2023 V5
CCN-0512DF TDK-CCN-0512DF Datasheet
193Kb / 11P
DC to DC Converters
CD-1601N TDK-CD-1601N Datasheet
757Kb / 9P
TDK DC to DC Converters, DC to AC Inverters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com