Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC36 Datasheet(PDF) 1 Page - DFI Inc

Part # DC36
Description  DC to DC Converters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

DC36 Datasheet(HTML) 1 Page - DFI Inc

  DC36 Datasheet HTML 1Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
X103-DC36
DC Output
DC in
0.00
46.00
4.00
46.00
50.00
55.00
3.99
Mechanical Drawing
Features
Specifications
DC to DC Converters
INPUT VOLTAGE
• 9V - 36V
OUTPUT VOLTAGE
• Selectable 12V or 24V power output
MAXIMUM OUTPUT
• 70W @24V, 36W @12V
CONNECTORS
• Input: 3 pins 5.0mm Terminal Block connector
• Output: 4 pins ATX connector
ENVIRONMENTS
• Temperature: -20oC to 70oC
• Relative Humidity: 5% to 90%
DIMENSIONS
• 146mm x 55mm (5.75" x 2.17")
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © June 05, 2019 DFI Inc.
Motherboard
DC to DC
converter
X103-DC36
Power
Connector
Power Cable
• Designed for Car PC
• Based on the Ignition status to control power on/off of the
Car PC
• Ideal for mobile processor-based systems


Similar Part No. - DC36

ManufacturerPart #DatasheetDescription
logo
Linear Technology
DC365A LINER-DC365A Datasheet
300Kb / 7P
UPCONVERTER MODULATOR
DC365A LINER-DC365A_15 Datasheet
300Kb / 7P
UPCONVERTER MODULATOR
logo
France Joint
DC36X48X11 FRANCEJOINT-DC36X48X11 Datasheet
459Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - DC36

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E03-56M1 ETC-E03-56M1 Datasheet
60Kb / 1P
3 WATT DC TO DC CONVERTERS
D01-01 ETC1-D01-01 Datasheet
51Kb / 1P
1 WATT DC TO DC CONVERTERS
logo
TDK Electronics
CAK-001 TDK-CAK-001 Datasheet
145Kb / 2P
TDK DC to DC Converters, DC to AC inverters
logo
Tumbler Technologies + ...
PD40-10 TRUMPOWER-PD40-10 Datasheet
224Kb / 3P
40 WATT DC TO DC CONVERTERS
PD110-10 TRUMPOWER-PD110-10 Datasheet
230Kb / 3P
110 WATT DC TO DC CONVERTERS
PD40 TRUMPOWER-PD40 Datasheet
224Kb / 3P
40 WATT DC TO DC CONVERTERS
logo
Technology Dynamics Inc...
TSD-25A-05 TECHNOLOGY-TSD-25A-05 Datasheet
268Kb / 2P
DC TO DC CONVERTERS
logo
TDK Electronics
CCG TDK-CCG Datasheet
3Mb / 8P
1.3 to 10.8W DC-DC Converters
February 21st 2023 V5
CCN-0512DF TDK-CCN-0512DF Datasheet
193Kb / 11P
DC to DC Converters
CD-1601N TDK-CD-1601N Datasheet
757Kb / 9P
TDK DC to DC Converters, DC to AC Inverters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com