Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT38 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 74ACT38
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT38 Datasheet(HTML) 4 Page - Silicon Supplies

  74ACT38_V01 Datasheet HTML 1Page - Silicon Supplies 74ACT38_V01 Datasheet HTML 2Page - Silicon Supplies 74ACT38_V01 Datasheet HTML 3Page - Silicon Supplies 74ACT38_V01 Datasheet HTML 4Page - Silicon Supplies 74ACT38_V01 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
www.siliconsupplies.com
Advanced CMOS TTL Input – 74ACT38
Rev 1.0
18/01/21
DC Electrical Characteristics Continued (Voltages referenced to GND)
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
4.5V
4.4
4.4
4.4
5.5V
IOUT = -50µA
5.4
5.4
5.4
V
4.5V
3.86
3.76
3.76
5.5V
VIN = VIL or VIH
5
IOL = -24mA
4.86
4.76
4.76
V
4.5V
-
-
-
Minimum High-Level
Output Voltage
VOH
5.5V
VIN = VIL or VIH
5,6
IOL = -50mA
-
-
-
V
Maximum Input
Leakage Current
IIN
5.5V
VIN = VCC or GND
±0.1
±1.0
±1.0
µA
Maximum 3-State
leakage current
IOZ
5.5
VOUT=VCC or GND,
VIN = VIL or VIH
±0.5
±2.5
±2.5
µA
Additional Maximum
ICC / Input
ΔICCT
5.5V
VIN = VCC -2.1V
0.6
1.5
1.5
mA
IOLD
5.5V
VOLD = 1.65V Max
-
75
75
Minimum Dynamic
Output Current
7
IOHD
5.5V
VOHD = 3.86V Min
-
-75
-75
mA
Maximum Quiescent
Supply Leakage
Current
ICC
5.5V
VIN = VCC or GND
IOUT = 0µA
4
40
40
µA
AC Electrical Characteristics8
8. Not production tested in die form, characterized by chip design.
9. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
tPLH,
6
7
7
Maximum
Propagation Delay,
A or B to Y
tPHL
5V ±10%
GND = 0V,
CL = 50pF,
RL = 500Ω,
tr = tf = ≤ 2.5ns
6
7
7
ns
Maximum
Propagation Delay,
OFF-state to Low
tPZL
5.1
6
6
Maximum
Propagation Delay,
Low to OFF-state
tPLZ
5V ±10%
GND = 0V,
CL = 50pF,
RL = 500Ω,
tr = tf = ≤ 2.5ns,
(Figure1)
5.0
5.3
5.3
ns
Maximum Input
Capacitance
CIN
5V ±10%
VIN = VCC or
GND
8
8
8
pF
TYPICAL
Power Dissipation
Capacitance
9
CPD
-
TJ = 25°C,
VCC =5.0V
40
pF
7. Maximum test duration 2ms, one output loaded at a time.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com