Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT86 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74ACT86
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT86 Datasheet(HTML) 2 Page - Silicon Supplies

  74ACT86 Datasheet HTML 1Page - Silicon Supplies 74ACT86 Datasheet HTML 2Page - Silicon Supplies 74ACT86 Datasheet HTML 3Page - Silicon Supplies 74ACT86 Datasheet HTML 4Page - Silicon Supplies 74ACT86 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
d
Advanced CMOS TTL Input – 74ACT86
Rev 1.0
06/02/20
Pad Layout and Functions
COORDINATES (µm)
PAD
FUNCTION
1300µm (51.18 mils)
X
Y
1
A1
100
439
2
B1
100
100
3
Y1
547
100
4
A2
751
100
5
B2
1088
100
6
Y2
1088
372
7
GND
1088
579
8
Y3
1088
797
9
A3
1088
1070
10
B3
751
1070
11
Y4
566
1070
12
A4
290
1070
13
B4
100
1070
14
VCC
100
671
CONNECT CHIP BACK TO VCC OR FLOAT
0,0
DIE ID
2
1
14
13
11
10
12
9
8
7
6
5
4
3
Logic Diagram
Function Table
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
L
H
H
L
H = High level (steady state)
Y = A ⊕ B
L = Low level (steady state)
= AB + AB
Page 2 of 5
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com