Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPL3MPON-ALT Datasheet(PDF) 1 Page - Belden Inc.

Part # PPL3MPON-ALT
Description  PatchPro 24-Port (48-Fiber) LC OM3 iPLM Ready MPO Panel Set
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

PPL3MPON-ALT Datasheet(HTML) 1 Page - Belden Inc.

  PPL3MPON-ALT Datasheet HTML 1Page - Belden Inc. PPL3MPON-ALT Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: PPL3MPON-ALT
PatchPro 24-Port (48-Fiber) LC OM3 iPLM Ready MPO Panel Set (Polarity A -
Alternate Panel Set)
Product Description
PatchPro 24-Port (48-Fiber) LC OM3 iPLM Ready MPO Panel Set (Polarity A - Alternate Panel Set)
Technical Specifications
Product Overview
Environmental Space:
Indoor
Suitable Applications:
Panel for Intelligent Ready (RFID based) Patching. Support current and future applications, such as: 10GBase-T (10 Gigabit Ethernet), 1000Base-T (Gigabit Ethernet), 100
Base-T, 10 Base-T, FDDI, ATM
Construction
Weight:
1.5 kg
Height:
44 mm
Width:
482 mm
Depth:
300 mm
Physical Specifications
Max Capacity:
24 Duplex LC Ports
Mechanical Characteristics
Maximum Insertion Loss:
0.6 dB
Front Connection:
Flush
Footprint/Type:
LC
Temperature Range
Operating Temperature Range:
-10°C To +60°C
Installation Temperature Range: -10°C To +60°C
Storage Temperature Range:
-10 to 75°C
Product Material
Materials
Description
Material
Color
Type
Panel drawer and cover - With 4 MPO and 2 cable entry ports
Anodized aluminum
Metal silver color 1.5 mm thick
Panel frontplate (including screws) - LC Front Plate Metal work 2nd generation Steel, textured powder coated Black (Ral 9005)
1.5 mm thick
Adapters - 24 LC Duplex PC - Mounted
Plastic
Aqua
4 MPO Adapters - Mounted
Plastic
Aqua
4 Hydra Cables - Mounted
900 µm
2 rubber grommets and 3 twister kits
Standards
TIA/EIA Compliance:
TIA 568-C.3
ISO/IEC Compliance:
ISO/IEC 11801-1:2017
EU Directive 2011/65/EU
(RoHS 2):
Yes


Similar Part No. - PPL3MPON-ALT

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
PPL3MPON BELDEN-PPL3MPON Datasheet
231Kb / 2P
PatchPro 24-Port (48-Fiber) LC OM3 iPLM Ready MPO Panel Set (Polarity A)
01-07-2025
More results

Similar Description - PPL3MPON-ALT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N4822M246M12 TRIPPLITE-N4822M246M12 Datasheet
520Kb / 2P
100Gb-120Gb to 40Gb Breakout Cassette - (x2) 24-Fiber MTP-MPO to (x6) 12-Fiber MTP-MPO
N4821M24LC12 TRIPPLITE-N4821M24LC12 Datasheet
524Kb / 2P
100Gb-120Gb to 10Gb Breakout Cassette - 24-Fiber MTP-MPO to (x12) LC
N490016LCLC TRIPPLITE-N490016LCLC Datasheet
463Kb / 2P
16-Port Fiber Patch Panel, 1U (LC-LC)
N492036LCLCE TRIPPLITE-N492036LCLCE Datasheet
480Kb / 2P
36-Port Fiber Patch Panel Enclosure, 1U Rack-Mount (LC-LC)
N490-016-LCLC TRIPPLITE-N490-016-LCLC Datasheet
152Kb / 2P
16-Port Fiber Patch Panel, 1U (LC/LC), Multimode or Singlemode
N492-036-LCLC-E TRIPPLITE-N492-036-LCLC-E Datasheet
157Kb / 2P
36-Port Fiber Patch Panel Enclosure, 1U Rack-Mount (LC/LC)
N844-LOOP-12F TRIPPLITE-N844-LOOP-12F Datasheet
157Kb / 2P
MTP / MPO Fiber Optic Loopback Tester (Multimode 50/125um, OM3) - Female
N846-01M-24-P TRIPPLITE-N846-01M-24-P Datasheet
169Kb / 3P
MTP/MPO Patch Cable, 100GBASE-SR10, CXP, 24 Fiber, 100GbE OM3 Plenum-Rated - Aqua, 1M (3-ft.)
N846-02M-24-P TRIPPLITE-N846-02M-24-P Datasheet
169Kb / 3P
MTP/MPO Patch Cable, 100GBASE-SR10, CXP, 24 Fiber, 100GbE OM3 Plenum-Rated - Aqua, 2M (6-ft.)
N846-05M-24-P TRIPPLITE-N846-05M-24-P Datasheet
169Kb / 3P
MTP/MPO Patch Cable, 100GBASE-SR10, CXP, 24 Fiber, 100GbE OM3 Plenum-Rated - Aqua, 5M (16-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com