Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT220802 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CT220802
Description  Split SCR/Diode POW-R-BLOK??Modules 20 Amperes/800 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CT220802 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CT220802 Datasheet HTML 1Page - Powerex Power Semiconductors CT220802 Datasheet HTML 2Page - Powerex Power Semiconductors CT220802 Datasheet HTML 3Page - Powerex Power Semiconductors CT220802 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SD-35
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CT220802
Split SCR/Diode POW-R-BLOK™ Modules
20 Amperes/800 Volts
INSTANTANEOUS ON-STATE CURRENT, ITM,
(AMPERES)
MAXIMUM
ON-STATE CHARACTERISTICS
0.5
100
4.5
101
102
103
Tj = 125
oC
3.5
2.5
1.5
CYCLES AT 60 HZ
MAXIMUM ALLOWABLE PEAK SURGE
(NON-REPETITIVE) CURRENT
0
101
102
100
100
200
300
400
500
MAXIMUM ALLOWABLE CASE TEMPERATURE
(SINUSOIDAL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
0
130
RESISTIVE,
INDUCTIVE
LOAD PER
SINGLE
ELEMENT
110
90
70
50
5.0
10.0
15.0
20.0
= 30o
120o
60o
90o
180o
360
o
SINGLE PHASE
HALFWAVE
MAXIMUM ON-STATE POWER DISSIPATION
(SINUSOIDAL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
0
0
40
360
o
RESISTIVE, INDUCTIVE LOAD
PER SINGLE ELEMENT
10
20
30
510
15
20
= 30o
120o
180o
60o
90o
SINGLE PHASE
HALFWAVE
50
MAXIMUM ALLOWABLE CASE TEMPERATURE
(RECTANGULAR WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
0
70
90
110
130
360
o
RESISTIVE, INDUCTIVE
LOAD PER SINGLE
ELEMENT
40
120o
270o
= 30o
90o
DC
180o
10
20
30
60o
RECTANGULAR
WAVE
MAXIMUM AVERAGE ON-STATE POWER
DISSIPATION (RECTANGULAR WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(AV),
(AMPERES)
0
360
o
RESISTIVE, INDUCTIVE LOAD
PER SINGLE ELEMENT
40
10
40
20
30
30
20
10
0
120o
180o
270o
= 30o
60o
90o
DC
RECTANGULAR
WAVE
TIME, t, (SECONDS)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS (JUNCTION-TO-CASE)
0
10-3
0.2
0.4
0.6
0.8
1.0
10-2
10-1
100
100
101
INSTANTANEOUS GATE CURRENT, IG, (mA)
TRIGGERING
CHARACTERISTICS
101
102
103
104
10-1
100
101
102
VGFM = 10V
VGT = 3.0V
PGM = 5.0W
PG(AV) =
0.50W
IGFM =
2.0A
IGT = 50mA
Tj = 25
oC
VGDM = 0.25V
90
MAXIMUM ALLOWABLE CASE TEMPERATURE
(REVERSE PARALLEL CONNECTION)
0
50
100
110
120
130
80
360
o
RESISTIVE,
INDUCTIVE LOAD
RMS ON-STATE CURRENT, I(RMS), (AMPERES)
40
30
20
10
NOTE: THE CURVES INDICATE THE
RELATIONSHIP BETWEEN THE CASE
TEMPERATURE AND THE RMS
ON-STATE CURRENT FOR EACH
MODULE.
= 30o
180o
60o, 90o



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com