Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4060 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74HC4060
Description  High Speed CMOS Logic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC4060 Datasheet(HTML) 2 Page - Silicon Supplies

  74HC4060 Datasheet HTML 1Page - Silicon Supplies 74HC4060 Datasheet HTML 2Page - Silicon Supplies 74HC4060 Datasheet HTML 3Page - Silicon Supplies 74HC4060 Datasheet HTML 4Page - Silicon Supplies 74HC4060 Datasheet HTML 5Page - Silicon Supplies 74HC4060 Datasheet HTML 6Page - Silicon Supplies 74HC4060 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS Logic – 74HC4060
Rev 1.0
26/11/17
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
Q12
0.610
1.350
2
Q13
0.190
1.140
3
Q14
0.190
0.970
4
Q6
0.190
0.790
5
Q5
0.190
0.620
6
Q7
0.190
0.440
7
Q4
0.190
0.270
8
GND
0.590
0.150
9
OSC OUT2
0.950
0.150
10
OSC OUT1
1.270
0.150
11
OSC IN
1.310
0.340
12
MR
1.310
0.650
13
Q9
1.310
0.860
14
Q8
1.310
1.050
15
Q10
1.310
1.220
16
VCC
0.880
1.350
CONNECT CHIP BACK TO VCC OR FLOAT
Pad Layout and Functions
Logic Diagram
0,0
Function Table
1610µm (63.38 mils)
13
12
11
10
9
8
16
4
3
2
1
DIE ID
7
6
5
14
15
Pad 14 = VCC
Pad 7 = GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com