Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB-C601-1 Datasheet(PDF) 1 Page - API Delevan

Part # PDB-C601-1
Description  Solderable Silicon Photodiodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

PDB-C601-1 Datasheet(HTML) 1 Page - API Delevan

  PDB-C601-1 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• Red enhanced
• Photocondutctive
• High quantum efficiency
SYMBOL
PARAMETER
MIN
MAX
UNITS
VBR
Reverse Voltage
75
V
TSTG
Storage Temperature
-40
+125
°C
TO
Operating Temperature
-40
+100
°C
TS
Soldering Temperature*
+224
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISC
Short Circuit Current
H = 100 fc, 2850 K
15
17
μA
ID
Dark Current
VR = 5 V
0.5
2
nA
RSH
Shunt Resistance
VR = 10 mV
60
150
MW
CJ
Junction Capacitance
VR = 5 V, f = 1 MHz
10
pF
lrange
Spectral Application Range
Spot Scan
350
1100
nm
VBR
Breakdown Voltage
I = 10 μA
25
50
V
NEP
Noise Equivalent Power
VR = 0V @ l=Peak
1x10
-14
W/ √ Hz
tr
Response Time
RL = 1KΩ,VR = 5V
10
nS
SPECTRAL RESPONSE
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
Wavelength (nm)
PDB-C601-1
PACKAGE DIMENSIONS INCH [mm]
BARE SHIP PACKAGE
The PDB-C601-1 is a silicon red enhanced
solderable photodiode designed for low capacitance
and high speed for photoconductive applications.
• Optical encoder
• Position sensor
• Industrial controls
• Instrumentation
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
CHIP DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
SOLDERABLE PHOTODIODE
.014 [0.36]
.021 [0.53]
.030 [0.76]
.125 [3.18]
.074 [1.88]
.022 [0.56]
ACTIVE AREA
ACTIVE AREA
.040 [1.02]
Solderable Silicon Photodiodes
www.lasercomponents.com
Issue:
08/06 / V1 / HW / api/si-in/solderable-chips/ pdb-c601-1.pdf
Germany and other countries: LASER COMPONENTS GmbH, Phone: +49 8142 2864 0, Fax: +49 8142 2864 11, info@lasercomponents.com
Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk


Similar Part No. - PDB-C601-1

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDB-C601-1 ADVANCEDPHOTONIX-PDB-C601-1 Datasheet
123Kb / 1P
Solderable Silicon Photodiodes
logo
Luna Innovations Incorp...
PDB-C601-1 LUNA-PDB-C601-1 Datasheet
153Kb / 2P
Solderable Silicon Photodiodes
More results

Similar Description - PDB-C601-1

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDB-V609-3 ADVANCEDPHOTONIX-PDB-V609-3 Datasheet
91Kb / 1P
Solderable Silicon Photodiodes
PDB-V612-2 ADVANCEDPHOTONIX-PDB-V612-2 Datasheet
94Kb / 1P
Solderable Silicon Photodiodes
PDB-V617-2 ADVANCEDPHOTONIX-PDB-V617-2 Datasheet
92Kb / 1P
Solderable Silicon Photodiodes
PDB-C601-1 ADVANCEDPHOTONIX-PDB-C601-1 Datasheet
123Kb / 1P
Solderable Silicon Photodiodes
PDB-C607-2 ADVANCEDPHOTONIX-PDB-C607-2 Datasheet
91Kb / 1P
Solderable Silicon Photodiodes
PDB-C609-3 ADVANCEDPHOTONIX-PDB-C609-3 Datasheet
94Kb / 1P
Solderable Silicon Photodiodes
PDB-C612-2 ADVANCEDPHOTONIX-PDB-C612-2 Datasheet
94Kb / 1P
Solderable Silicon Photodiodes
PDB-C615-2 ADVANCEDPHOTONIX-PDB-C615-2 Datasheet
93Kb / 1P
Solderable Silicon Photodiodes
logo
Luna Innovations Incorp...
PDB-C609-2 LUNA-PDB-C609-2 Datasheet
186Kb / 2P
Solderable Silicon Photodiodes
PDB-V615-2 LUNA-PDB-V615-2 Datasheet
184Kb / 2P
Solderable Silicon Photodiodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com