Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL13 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SL13
Description  LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SL13 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SL13 Datasheet HTML 1Page - Pan Jit International Inc. SL13 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
Fig.2-TYPICALINSTANTANEOUSFORWARD
CHARACTERISTIC
INSTANTANEOUS FOR WARD VOLTAGE, VOLTS
Fig.1-FORWARD CURRENTDERATING CURVE
LEAD TEMPERATURE, C
O
50
0.1
NUMBEROFCYCLEAT 60HZ
1000
10
0.1
1.0
10
100
Fig.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
1
10
100
30
25
20
15
10
5
0
1.0
.50
0
10
1.0
.1
.2
.3
.4
.5
.6
.7
.8
.9 1.0
100
Fig.4-MAXIMUMNON-REPETITIVEPEAK
FORWARD SURGE CURRENT
SINGLEPHASE HALF WAVE60Hz
RESISTIVEORINDUCTIVE
LOAD
P.C.BMOUNTED
ON0.2X 0.2"( 5.0X 5. 0mm)
COPPER PADAREAS
T= 25 C
PulseWidth= 300 s
1%DutyCycle
J
O
m
T= 25 C
J
O
.25
.75
0
20
40
60
80
100
120
140
PAGE . 2
STAD-JAN.06.2005



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com