Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPA1206DLR005DYR Datasheet(PDF) 1 Page - Littelfuse

Part # WPA1206DLR005DYR
Description  Two-Terminal Surface Mount Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

WPA1206DLR005DYR Datasheet(HTML) 1 Page - Littelfuse

  WPA1206DLR005DYR Datasheet HTML 1Page - Littelfuse WPA1206DLR005DYR Datasheet HTML 2Page - Littelfuse WPA1206DLR005DYR Datasheet HTML 3Page - Littelfuse WPA1206DLR005DYR Datasheet HTML 4Page - Littelfuse WPA1206DLR005DYR Datasheet HTML 5Page - Littelfuse WPA1206DLR005DYR Datasheet HTML 6Page - Littelfuse WPA1206DLR005DYR Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Current Sense Resistor Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 10/29/24
1
Two-Terminal Surface Mount Resistor
WPA/B/C Series
Littelfuse WPA/B/C Series is low Ohm current sense resistor,
designed with long stability, durability, excels at heat dissipation.
It is a metal plate construction with low profile.
Description
■ Power rating up to 3 W
■ Tolerance down to ±0.5%
■ Small size
■ High voltage
Features & Benefits
■ Power management
■ Low ESL
Application
RoHS Pb
Web Resources
Download ECAD models, order samples, and find
technical recources at www.littelfuse.com


Similar Part No. - WPA1206DLR005DYR

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WPA16A CIT-WPA16A Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
WPA16AX CIT-WPA16AX Datasheet
352Kb / 6P
Illuminated Pushbutton - 16mm
WPA16Y CIT-WPA16Y Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
WPA16YX CIT-WPA16YX Datasheet
352Kb / 6P
Illuminated Pushbutton - 16mm
WPA19A CIT-WPA19A Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
More results

Similar Description - WPA1206DLR005DYR

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CR0805F1000FT IRCTT-CR0805F1000FT Datasheet
307Kb / 3P
Surface Mount Resistor
logo
List of Unclassifed Man...
RC1206 ETC1-RC1206 Datasheet
433Kb / 9P
Chip Resistor Surface Mount
logo
Bourns Electronic Solut...
PWR4525 BOURNS-PWR4525 Datasheet
123Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
PWR2615 BOURNS-PWR2615 Datasheet
123Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
logo
YAGEO Corporation
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
Chip Resistor Surface Mount
logo
Dubilier
RPC DUBILIER-RPC Datasheet
266Kb / 3P
SURFACE MOUNT CHIP RESISTOR
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
Surface Mount Resistor
DEC-01-2023
RMHV RFE-RMHV Datasheet
1Mb / 5P
SURFACE MOUNT RESISTOR
2022.01.19
RMQ RFE-RMQ Datasheet
270Kb / 4P
SURFACE MOUNT RESISTOR
2015.04.15
RMV RFE-RMV Datasheet
705Kb / 4P
SURFACE MOUNT RESISTOR
2017.12.21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com