Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4013B Datasheet(PDF) 5 Page - Silicon Supplies

Part # CD4013B
Description  CMOS High Voltage Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4013B Datasheet(HTML) 5 Page - Silicon Supplies

  CD4013B Datasheet HTML 1Page - Silicon Supplies CD4013B Datasheet HTML 2Page - Silicon Supplies CD4013B Datasheet HTML 3Page - Silicon Supplies CD4013B Datasheet HTML 4Page - Silicon Supplies CD4013B Datasheet HTML 5Page - Silicon Supplies CD4013B Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
AC Electrical Characteristics5
5 Not production tested in die form, characterized by chip design and tested in package.
.
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
5V
3.5
3.5
3
10V
8
8
6
Maximum Clock
Frequency
fmax
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
12
12
10
MHz
5V
300
300
450
10V
130
130
200
Propagation Delay,
Clock to Q or Q
(Figure 1)
tPLH, tPHL
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
90
90
150
ns
5V
300
300
450
10V
130
130
200
Propagation Delay,
Set to Q or Reset to
Q (Figure 2)
tPLH
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
90
90
150
ns
5V
400
400
600
10V
170
170
250
Propagation Delay,
Set to Q or Reset to
Q (Figure 2)
tPHL
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
120
120
150
ns
5V
200
200
250
10V
100
100
150
Output Transition
Time, Any Output
(Figure 1)
tTLH, tTHL
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
80
80
100
ns
Input Capacitance
CIN
-
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
7.5
7.5
7.5
pF
CMOS High Voltage Logic – CD4013B
Rev 1.0
21/11/17
Timing Requirements5
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
5V
140
140
200
10V
60
60
80
Minimum Pulse
Width, Clock
(Figure 1)
tw
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
40
40
50
ns
5V
180
180
250
10V
80
80
120
Minimum Pulse
Width, Set or Reset
(Figure 2)
tw
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
50
50
80
ns
5V
40
40
40
10V
20
20
20
Minimum Setup
Time, Data to Clock
tsu
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
15
15
15
ns
5V
5
5
8
10V
5
5
5
Minimum Hold Time,
Clock to Data
th
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
5
5
5
ns
5V
500
500
500
10V
30
30
30
Maximum Input Rise
or Fall Time, Clock
(Figure 1)
tr, tf
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
6
6
6
ns
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com