Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4093B Datasheet(PDF) 1 Page - Silicon Supplies

Part # CD4093B
Description  CMOS High Voltage Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4093B Datasheet(HTML) 1 Page - Silicon Supplies

  CD4093B Datasheet HTML 1Page - Silicon Supplies CD4093B Datasheet HTML 2Page - Silicon Supplies CD4093B Datasheet HTML 3Page - Silicon Supplies CD4093B Datasheet HTML 4Page - Silicon Supplies CD4093B Datasheet HTML 5Page - Silicon Supplies CD4093B Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1560 x 1120
61 x 44
µm
mils
Minimum Bond Pad Size
100 x 100
3.94 x 3.94
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
 CMOS High Voltage Logic – CD4093B
Quadruple 2-Input NAND Gate Logic IC with Schmitt-Trigger Inputs in bare die form
Rev 1.0
21/11/17
High Input Voltage up to 20V
Schmitt-trigger on each input 
No limit on input rise and fall time
Noise immunity greater than 50%
Drives x2 Low-Power TTL loads or x1 LSTTL load
Symmetrical Sink & Source Currents
Direct drop-in replacement for obsolete
components in long term programs.  
Features:
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
The CD4093B Quad 2-Input NAND Gate is fabricated
using a 3µm 15CMOS process. This device consists of
x4 Schmitt-trigger circuits. Each circuit functions as a
2-input NAND gate with Schmitt trigger action on both
inputs. The gate switches at different points for positive
& negative-going signals. The difference between the
positive (VT+) & the negative voltage (VT−) is defined
as hysteresis voltage (VH). Device hysteresis
characteristics transform slowly changing input signals
into sharply defined jitter-free output signals.
Description
Ordering Information
Die Dimensions in µm (mils)
1560 (61)


Similar Part No. - CD4093B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4093B TI-CD4093B Datasheet
574Kb / 12P
CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
CD4093B TI1-CD4093B Datasheet
978Kb / 17P
CMOS Quad 2-Input NAND Schmitt Triggers
logo
Silicon Supplies
CD4093B SS-CD4093B Datasheet
693Kb / 6P
CMOS High Voltage Logic
logo
Texas Instruments
CD4093B TI2-CD4093B Datasheet
514Kb / 14P
CMOS QUAD 2-INPUT NAND SCHMITT TRIGGER
REVISED APRIL 2008
CD4093B TI2-CD4093B Datasheet
1,023Kb / 21P
CMOS Quad 2-Input NAND Schmitt Triggers
Revised September 2003
More results

Similar Description - CD4093B

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4046B SS-CD4046B Datasheet
932Kb / 8P
CMOS High Voltage Logic
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
CD4053B SS-CD4053B Datasheet
706Kb / 6P
CMOS High Voltage Logic
CD4073B SS-CD4073B Datasheet
521Kb / 5P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B_V01 Datasheet
403Kb / 5P
CMOS High Voltage Logic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com