Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C14N Datasheet(PDF) 2 Page - Silicon Supplies

Part # MM74C14N
Description  CMOS High Voltage Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

MM74C14N Datasheet(HTML) 2 Page - Silicon Supplies

  MM74C14N Datasheet HTML 1Page - Silicon Supplies MM74C14N Datasheet HTML 2Page - Silicon Supplies MM74C14N Datasheet HTML 3Page - Silicon Supplies MM74C14N Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
d
Page 2 of 4
www.siliconsupplies.com
Rev 1.0
17/02/2023
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CMOS TO CMOS
VCC = 5V
3.0
3.6
4.3
V
VCC = 10V
6.0
6.8
8.6
V
Positive Going Threshold Voltage
VT+
VCC = 15V
9.0
10.0
12.9
V
VCC = 5V
0.7
1.4
2.0
V
VCC = 10V
1.4
3.2
4.0
V
Negative Going Threshold Voltage
VT-
VCC = 15V
2.1
5.0
6.0
V
VCC = 5V
1.0
2.2
3.6
V
VCC = 10V
2.0
3.6
7.2
V
Hysteresis
VT+ - VT-
VCC = 15V
3.0
5.0
10.8
V
VCC = 5V, IO = -10µA
4.5
-
-
V
Logical “1” Output Voltage
VOUT(1)
VCC = 10V, IO = -10µA
9.0
-
-
V
VCC = 5V, IO = 10µA
-
-
0.5
V
Logical “0” Output Voltage
VOUT(0)
VCC = 10V, IO = 10µA
-
-
1.0
V
Logical “1” Input Current
IIN(1)
VCC = 15V, VIN = 15V
-
0.005
1.0
µA
Logical “0” Input Current
IIN(0)
VCC = 15V, VIN = 0V
-1.0
-0.005
-
µA
Supply Current
ICC
VCC =15V,VIN=0V/15V
-
0.05
15
µA
VCC = 5V, VIN = 2.5V
-
20
-
µA
VCC = 10V, VIN = 5V
-
200
-
µA
Supply Current
2
ICC
VCC = 15V, VIN = 7.5V
-
600
-
µA
CMOS/LPTTL INTERFACE
Logical “1” Input Voltage
VIN(1)
VCC = 5V
4.3
-
-
V
Logical “0” Input Voltage
VIN(0)
VCC = 5V
-
-
0.7
V
Logical “1” Output Voltage
VOUT(1)
VCC= 4.75V,IO= -360µA
2.4
-
-
V
Logical “0” Output Voltage
VOUT(0)
VCC =4.75V, IO = 360µA
-
-
0.4
V
OUTPUT DRIVE CURRENT TA = 25°C
VCC = 5V, VOUT = 0V
-1.75
-3.3
-
mA
Output Source Current
(P-Channel)
ISOURCE
VCC = 10V, VOUT = 0V
-8.0
-15
-
mA
VCC = 5V, VOUT = VCC
1.75
3.6
-
mA
Output Source Current
(N-Channel)
ISINK
VCC = 10V, VOUT = VCC
8.0
16
-
mA
DYNAMIC ELECTRICAL CHARACTERISTICS
3 T
A = 25°C, CL = 50pF unless otherwise stated
VCC = 5V
-
220
400
ns
Propagation Delay
from Input to Output
tPD0,
tPD1
VCC = 10V
-
80
200
ns
Input Capacitance
CIN
Any Input
-
5.0
-
pF
Power Dissipation Capacitance
4
CPD
Per Gate
-
20
-
pF
DC Electrical Characteristics T
A = -40 to +85°C unless otherwise stated
2. Only one of the six inputs is at ½ VCC; the others are either at VCC or GND. 3. Not production tested in die form, characterized by chip design.
4. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
CMOS High Voltage Logic – MM74C14N



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com