Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C906M Datasheet(PDF) 2 Page - Silicon Supplies

Part # MM74C906M
Description  CMOS High Voltage Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

MM74C906M Datasheet(HTML) 2 Page - Silicon Supplies

  MM74C906M Datasheet HTML 1Page - Silicon Supplies MM74C906M Datasheet HTML 2Page - Silicon Supplies MM74C906M Datasheet HTML 3Page - Silicon Supplies MM74C906M Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
d
CMOS High Voltage Logic - MM74C906M
Rev 1.0
16/07/2021
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CMOS TO CMOS
VCC = 5V
3.5
-
-
V
Logical “1” Input Voltage
VIN(1)
VCC = 10V
8.0
-
-
V
VCC = 5V
-
-
1.5
V
Logical “0” Input Voltage
VIN(0)
VCC = 10V
-
-
2.0
V
Logical “1” Input Current
IIN(1)
VCC = 15V, VIN = 15V
-
0.005
1
µA
Logical “0” Input Current
IIN(0)
VCC = 15V, VIN = 0V
-1.0
-0.005
-
µA
Supply Current
ICC
VCC = 15V,Output Open
-
0.05
15
µA
Output Leakage Current
VCC = 4.75V,
VIN = VCC – 1.5V,
VCC=4.75V,VOUT =18V
-
0.005
5
µA
CMOS/LPTTL INTERFACE
Logical “1” Input Voltage
VIN(1)
VCC = 4.75V
VCC
-1.5V
-
-
V
Logical “0” Input Voltage
VIN(0)
VCC = 4.75V
-
-
0.8
V
OUTPUT DRIVE CURRENT
VCC = 4.75V,
VIN = 1V + 0.1 VCC,
2.1
VCC=4.75V,VOUT =0.5V
8.0
-
mA
VCC = 4.75V,
VIN = 1V + 0.1 VCC,
VCC=4.75V,VOUT =1.0V
4.2
12.0
-
mA
VCC = 10V, VIN = 2V,
VCC= 10V,VOUT =0.5V
4.2
20
-
mA
VCC = 10V, VIN = 2V,
VCC= 10V,VOUT =1V
8.4
30
-
mA
DC Electrical Characteristics T
A = -40 to +85°C unless otherwise stated
Dynamic Electrical Characteristics2 T
A = 25°C unless otherwise stated
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay Time
to Logical “0”
tpd
VCC = 5.0V,
R = 10kΩ, CL = 50pF
-
-
150
ns
Propagation Delay Time
to Logical “1”
tpd
VCC = 10V,
R = 10kΩ, CL = 50pF
-
-
75
ns
Input Capacitance
CIN
-
-
5.0
-
pF
Output Capacitance
COUT
-
-
20
-
pF
Power Dissipation Capacitance
2
CPD
-
-
30
-
pF
2. Per Buffer, used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
Page 2 of 4
www.siliconsupplies.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com