Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIS3045J Datasheet(PDF) 3 Page - Silicon Supplies

Part # SIS3045J
Description  Monolithic Transistor Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SIS3045J Datasheet(HTML) 3 Page - Silicon Supplies

  SIS3045J Datasheet HTML 1Page - Silicon Supplies SIS3045J Datasheet HTML 2Page - Silicon Supplies SIS3045J Datasheet HTML 3Page - Silicon Supplies SIS3045J Datasheet HTML 4Page - Silicon Supplies SIS3045J Datasheet HTML 5Page - Silicon Supplies SIS3045J Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Monolithic Transistor Array – SiS3045F
Rev 1.1
20/10/17
Dynamic Electrical Characteristics continued T
A = 25°C unless otherwise stated
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
Admittance Characteristics
Forward Transfer Admittance
(Figure 12)
YFE
f = 1 kHz
VCE = 3V, IC = 1mA
-
31 - j1.5
-
-
Input Admittance (Figure 13)
YIE
f = 1 kHz
VCE = 3V, IC = 1mA
-
0.3 + j0.04
-
-
Output Admittance (Figure 14)
YOE
f = 1 kHz
VCE = 3V, IC = 1mA
-
0.001+j0.03
-
-
Reverse Transfer Admittance
(Figure 15)
YRE
f = 1 kHz
VCE = 3V, IC = 1mA
-
Fig 14
-
-
Gain Bandwidth Product (Figure 16)
fT
VCE = 3V, IC = 1mA
300
550
-
MHz
Emitter-to-Base Capacitance
CEB
VEB = 3V, IE = 0
-
0.6
-
pF
Collector-to-Base Capacitance
CCB
VCB = 3V, IC = 0
-
0.58
-
pF
Collector-to-Substrate Capacitance
CCI
VCS = 3V, IC = 0
-
2.8
-
pF
Notes: 1. Each transistor collector is isolated from the substrate by an integral diode. The substrate (Pin 13) must be connected to the most negative point in
the external circuit to maintain isolation between transistors & normal transistor action. 2. Actual forcing current is via the emitter for this test.
FIGURE 1. Base-To-Collector Current vs Temperature
Typical Performance Characteristics
FIGURE 2. Collector-To-Emitter Cutoff Current vs Temperature
FIGURE 3. Static Forward Current Transfer Ratio & Beta
Ratio for Q1 and Q2 vs Emitter Current
FIGURE 4. Input Offset Current for matched
transistor pair Q1Q2 vs Collector Current
Page 3 of 6
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com