Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIS3045 Datasheet(PDF) 1 Page - Silicon Supplies

Part # SIS3045
Description  Monolithic Transistor Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SIS3045 Datasheet(HTML) 1 Page - Silicon Supplies

  SIS3045 Datasheet HTML 1Page - Silicon Supplies SIS3045 Datasheet HTML 2Page - Silicon Supplies SIS3045 Datasheet HTML 3Page - Silicon Supplies SIS3045 Datasheet HTML 4Page - Silicon Supplies SIS3045 Datasheet HTML 5Page - Silicon Supplies SIS3045 Datasheet HTML 6Page - Silicon Supplies SIS3045 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
 
 
 
 
 
Monolithic Transistor Array – SiS3045  
Silicon General Purpose x5 NPN Transistor array in bare die form
Rev 1.1
20/10/17
Two matched transistors:
-
VBE Match ±5mA
-
IIO Match 2µA (Max).
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1020 x 1020
40 x 40
µm
mils
Minimum Bond Pad Size
100 x 100
4 x 4
µm
mils
Die Thickness
460
18.1
µm
mils
Top Metal Composition
TiW-AlSi 0.15µm-3µm
Back Metal Composition
N/A – Bare Si
Low Noise Figure 3.2dB (Typ) at 1kHz
Operation From DC to 120MHz
Wide Operating Current Range
Full Military Temperature Range.
Features:
The SiS3045 consists of five general purpose silicon NPN
transistors on a common monolithic substrate. Two of the
transistors are internally connected to form a differentially-
connected pair. The transistors are well suited to a wide
variety of applications in low power systems in the DC
through VHF range. They may be used as discrete
transistors in conventional circuits however; in addition, they
provide the very significant inherent integrated circuit
advantages of close electrical and thermal matching. The
SiS3045 is a direct electrical & mechanical replacement for
the obsolete Intersil CA3045 & National (TI) LM3045.
Description
Ordering Information
Die Dimensions in µm (mils)
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
1020 (40)
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – By specific request
Unsawn Wafer – By specific request
14 Lead CERDIP / PDIP package – By specific request
14 Lead SOIC package – By specific request
Page 1 of 7 
www.siliconsupplies.com


Similar Part No. - SIS3045

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS3045 SS-SIS3045 Datasheet
1Mb / 7P
Monolithic Transistor Array
SIS3045F SS-SIS3045F Datasheet
2Mb / 6P
Monolithic Transistor Array
SIS3045F SS-SIS3045F Datasheet
659Kb / 6P
Monolithic Transistor Array
Rev 1.1 20/10/17
SIS3045F SS-SIS3045F_V01 Datasheet
659Kb / 6P
Monolithic Transistor Array
Rev 1.1 20/10/17
SIS3045J SS-SIS3045J Datasheet
2Mb / 6P
Monolithic Transistor Array
More results

Similar Description - SIS3045

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
FSA2510P AMMSEMI-FSA2510P Datasheet
468Kb / 1P
Monolithic Diode Array
logo
OSRAM GmbH
SPLBK98-40 OSRAM-SPLBK98-40 Datasheet
133Kb / 3P
Unmounted monolithic linear array
SPLBK102-40 OSRAM-SPLBK102-40 Datasheet
133Kb / 3P
Unmounted monolithic linear array
logo
Silicon Supplies
SIS3046 SS-SIS3046 Datasheet
1Mb / 7P
Monolithic Transistor Array
SIS3045 SS-SIS3045 Datasheet
1Mb / 7P
Monolithic Transistor Array
SIS3045F SS-SIS3045F Datasheet
2Mb / 6P
Monolithic Transistor Array
SIS3045J SS-SIS3045J Datasheet
2Mb / 6P
Monolithic Transistor Array
SIS3046M SS-SIS3046M Datasheet
4Mb / 6P
Monolithic Transistor Array
SIS3046N SS-SIS3046N Datasheet
2Mb / 6P
Monolithic Transistor Array
SIS3046P SS-SIS3046P Datasheet
2Mb / 6P
Monolithic Transistor Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com