Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC2T45 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 74AVC2T45
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 74AVC2T45 Datasheet HTML 17Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 18Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 19Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 20Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 21Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 22Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 23Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 24Page - NXP Semiconductors 74AVC2T45 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
74AVC2T45_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 3 July 2007
21 of 28
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
13. Application information
13.1 Unidirectional logic level-shifting application
The circuit given in Figure 8 is an example of the 74AVC2T45 being used in an
unidirectional logic level-shifting application.
Fig 8.
Unidirectional logic level-shifting application
Table 11.
Unidirectional logic level-shifting application
Pin
Name
Function
Description
1VCC(A)
VCC1
supply voltage of system-1 (0.8 V to 3.6 V)
2
1A
OUT1
output level depends on VCC1 voltage
3
2A
OUT2
output level depends on VCC1 voltage
4
GND
GND
device GND
5
DIR
DIR
the GND (LOW level) determines B port to A port direction
6
2B
IN2
input threshold value depends on VCC2 voltage
7
1B
IN1
input threshold value depends on VCC2 voltage
8VCC(B)
VCC2
supply voltage of system-2 (0.8 V to 3.6 V)
74AVC2T45
VCC(A)
VCC1
VCC1
VCC1
VCC2
VCC(B)
1A
system-1
1B
2A
2B
GND
DIR
001aag581
1
2
3
4
6
5
8
7
system-2
VCC2
VCC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com