Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT60AM-18F Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CT60AM-18F
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CT60AM-18F Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CT60AM-18F Datasheet HTML 1Page - Powerex Power Semiconductors CT60AM-18F Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sep. 2000
ICES
IGES
VGE(th)
VCE(sat)
Cies
Coes
Cres
td(on)
tr
td(off)
tf
Etail
Itail
VEC
trr
Rth(j-c)
Rth(j-c)
mA
µA
V
V
pF
pF
pF
µs
µs
µs
µs
mJ/pls
A
V
µs
°C/W
°C/w
—
—
2.0
—
—
—
—
—
—
—
—
—
—
—
—
—
—
4.0
2.1
4400
115
75
0.05
0.1
0.2
0.2
0.6
8
2.2
0.5
—
—
1.0
0.5
6.0
2.7
—
—
—
—
—
—
—
1.0
12
3.0
2.0
0.69
4.0
ELECTRICAL CHARACTERISTICS (Tch = 25°C)
Collector cutoff current
Gate leakage current
Gate-emitter threshold voltage
Collector-emitter saturation voltage
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on deray time
Turn-on rise time
Turn-off delay time
Turn-off fall time
Tail loss
Tail current
Emitter-collector voltage
Diode reverse recovery time
Thermal resistance (IGBT)
Thermal resistance (Diode)
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
VCE = 900V, VGE = 0V
VGE = ±20V, VCE = 0V
VCE = 10V, IC = 6mA
IC = 60A, VCE = 15V
VCE = 25V, VGE = 0V, f = 1MHz
VCC = 300V, IC = 60A, VGE = 15V, RG = 10
Ω
ICP = 60A, Tj = 125°C, dv/dt = 200V/
µs
IE = 60A, VGE = 0V
IE = 60A, dis/dt = –20A/
µs
Junction to case
Junction to case
MITSUBISHI Nch IGBT
CT60AM-18F
INSULATED GATE BIPOLAR TRANSISTOR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com