Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES220F-CS Datasheet(PDF) 4 Page - DFI Inc

Part # ES220F-CS
Description  8th/9th Gen Intel® CoreTM Compact Fanless Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ES220F-CS Datasheet(HTML) 4 Page - DFI Inc

  ES220F-CS Datasheet HTML 1Page - DFI Inc ES220F-CS Datasheet HTML 2Page - DFI Inc ES220F-CS Datasheet HTML 3Page - DFI Inc ES220F-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
9th Gen Intel® Core™ Processors, LGA 1151 Socket
Intel® Core™ i7-9700TE Processor (8C/8T, 12M Cache, 3.6GHz, TDP 35W)
Intel® Core™ i5-9500TE Processor (6C/6T, 9M Cache, 3.6GHz, TDP 35W)
Intel® Core™ i3-9100TE Processor (4C/4T, 6M Cache, 3.2GHz, TDP 35W)
8th Gen Intel® Core™ Processors, LGA 1151 Socket
Intel® Core™ i7-8700T Processor (6C/12T, 12M Cache, 4.0GHz; TDP 35W)
Intel® Core™ i5-8500T Processor (6C/6T, 9M Cache, 3.5GHz; TDP 35W)
Intel® Core™ i3-8100T Processor (4C/4T, 6M Cache, 3.1GHz; TDP 35W)
Intel® Pentium® G5400T Processor (2C/4T, 4M Cache, 3.1GHz; TDP 35W)
Intel® Celeron® G4900T Processor (2C/2T, 2M Cache, 2.9GHz; TDP 35W)
Chipset
Intel® C246/Q370/H310 Chipset
Memory
2 x 260-pin SODIMM up to 64GB Dual Channel DDR4 2666MHz
(ECC : C246 only)
BIOS
AMI SPI 128Mbit
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2, JPEG, HEVC/H265, VP8, VP9
Display
2 x HDMI 2.0
HDMI: resolution up to 4096x2160@60Hz
Dual Displays
2 x HDMI 2.0
STORAGE
Internal
2 x 2.5" SATA bay (optional)
support RAID 0/1
EXPANSION
Interface
1 x M.2 2280 M key (PCIe x4/SATA 3.0)
1 x M.2 2230 E key (PCIe x1/USB2.0), WiFi
ETHERNET
Interface
2 x GbE RJ-45
Controller
2 x Intel® I219/I210IT (10/100/1000Mbps) (Support Intel® iAMT)
LED
Indicators
1 x Power LED
1 x HDD LED
FRONT I/O
Ethernet
2 x GbE (RJ-45)
USB
4 x USB 3.1 (type A)
Buttons
1 x Power button
1 x Reset button
Display
2 x HDMI 2.0
REAR I/O
Serial
2 x RS232/RS422/RS485 (DB9) or
1 x RS232/RS422/RS485 (DB9)(COM1) + 1 x 8bit DIO (DB9)
USB
2 x USB 2.0 (type A)
Antenna
2 x Opening Antenna Hole (WiFi)
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
TPM2.0 (option)
POWER
Type
12V DC-in jack lockable External power brick
RTC Battery
CR2032 Coin Cell
Supply
AC Power 100-250V, 50/60Hz
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 2019 LTSC + RS5
Windows 10 Professional
ENVIRONMENT
Operating Temperature
CPU power output config. via BIOS:
TDP 35W : -5° C or 45° C
cTPU 15W -20° to 60° C
Storage Temperature
-20° to 60° C
Relative Humidity
5 to 90% RH
MECHANICAL
Construction
Metal + Aluminum
Mounting
Wall mount
VESA mount 75x75/10x10cm (optional)
Dimensions(W x H x D)
175 x 69.4 x 120mm (1 Storage: 1 x M.2 SSD)
175 x 90.4 x 120mm (3 Storage: 1 x M.2 SSD + 2 x 2.5” bay)
Weight
3.5kg (1 Storage: 1 x M.2 SSD)
3.8kg (3 Storage: 1 x M.2 SSD + 2 x 2.5” bay)
Color
Black
STANDARDS AND
CERTIFICATIONS
Certification
FCC, CE Class B, RoHS, WEEE, UKCA
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © June 11, 2024 DFI Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com