Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM111 Datasheet(PDF) 1 Page - Silicon Supplies

Part # LM111
Description  Differential Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM111 Datasheet(HTML) 1 Page - Silicon Supplies

  LM111 Datasheet HTML 1Page - Silicon Supplies LM111 Datasheet HTML 2Page - Silicon Supplies LM111 Datasheet HTML 3Page - Silicon Supplies LM111 Datasheet HTML 4Page - Silicon Supplies LM111 Datasheet HTML 5Page - Silicon Supplies LM111 Datasheet HTML 6Page - Silicon Supplies LM111 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
 
 
 
 
 
 Differential Comparator – LM111
Differential Comparator with Strobe in bare die form
Operates from single 5V supply
Input bias current: 150nA max over temperature
Offset current: 20nA max over temperature
 
 
 
 
 
 
 
 
 
Differential input voltage range: ±30V
Power consumption: 135mW at ±15V
Offset voltage null capability
Strobe capability
Characterized over full military temperature range.
Rev 1.1
21/02/19
Features:
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
The LM111 voltage comparator operates over a wide
range of supply voltages; from standard ±15V Op-Amp
supplies down to a single 3V supply and with low input
currents. Device output is compatible with RTL, DTL,
and TTL as well as MOS circuits. The device can drive
lamps or relays, switching voltages up to 50V at
currents as high as 50mA. Both the inputs and the
outputs of the LM111 can be isolated from system
ground, and the output can drive loads referred to
ground, the positive supply, or the negative supply.
Offset balancing and strobe capability are provided
and outputs can be wire-ORed.
Description
Ordering Information
Die Dimensions in µm (mils)
1690 (67)
Die id
 
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
 
 
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
 
www.siliconsupplies.com\quality\bare-die-lot-qualification
 
 
Supply Formats:
Mechanical Specification
 
Default – Die in Waffle Pack (100 per tray capacity)
Die Size (Unsawn)
1690 x 1180
µm
67 x 46
mils
 
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
90 x 90
µm
Minimum Bond Pad Size
3.54 x 3.54
mils
280 (±20)
µm
 
Die Thickness
 
11.02 (±0.79)
mils
Die Thickness <> 280µm(11 Mils) – On request
Top Metal Composition
Al 1%Si 1.1µm
Assembly into Metal or Ceramic Package – On request
Back Metal Composition
N/A – Bare Si
Page 1 of 7 
www.siliconsupplies.com


Similar Part No. - LM111

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM111 NSC-LM111 Datasheet
1Mb / 23P
Voltage Comparator
logo
NXP Semiconductors
LM111 PHILIPS-LM111 Datasheet
71Kb / 4P
Voltage comparator
August 31, 1994
logo
STMicroelectronics
LM111 STMICROELECTRONICS-LM111 Datasheet
236Kb / 14P
Voltage comparator with strobe
Sep-2006
logo
Linear Technology
LM111 LINER-LM111 Datasheet
467Kb / 8P
Voltage Comparator
logo
NXP Semiconductors
LM111 PHILIPS-LM111 Datasheet
86Kb / 8P
Voltage comparator
2003 Sep 30
More results

Similar Description - LM111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL712CP TI-TL712CP Datasheet
82Kb / 5P
DIFFERENTIAL COMPARATOR
TL712 TI-TL712 Datasheet
263Kb / 11P
DIFFERENTIAL COMPARATOR
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
TL712 TI-TL712_06 Datasheet
259Kb / 12P
DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SHLM339 SECOS-SHLM339 Datasheet
526Kb / 4P
Differential Comparator
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
logo
Texas Instruments
TL712D TI-TL712D Datasheet
927Kb / 16P
DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM391CN5 CYSTEKEC-LM391CN5 Datasheet
384Kb / 8P
Differential Comparator
logo
List of Unclassifed Man...
UA710 ETC-UA710 Datasheet
103Kb / 2P
Differential Comparator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com