Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SISA4080 Datasheet(PDF) 1 Page - Silicon Supplies

Part # SISA4080
Description  Current Sense Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SISA4080 Datasheet(HTML) 1 Page - Silicon Supplies

  SISA4080 Datasheet HTML 1Page - Silicon Supplies SISA4080 Datasheet HTML 2Page - Silicon Supplies SISA4080 Datasheet HTML 3Page - Silicon Supplies SISA4080 Datasheet HTML 4Page - Silicon Supplies SISA4080 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Current Sense Amplifier – SiSA4080
76V High-Side Unidirectional Current Sense Amplifier in bare die form
Rev 1.0
14/10/20
Industry smallest form factor
Die Size (Un-sawn)
1330 x 860
52 x 34
µm
mils
Minimum Bond Pad Size
85 x 85
3.35 x 3.35
µm
mils
Die Thickness
380 (±20)
14.96 (±0.79)
µm
mils
Top Metal Composition
Al
Back Metal Composition
N/A – Bare Si
Power supply range: 4.5V to 76V
Input common-mode range: 4.5V to 76V
Unidirectional ISENSE
Fixed Gain: 60 V/V
Gain accuracy: 0.1%
Offset Voltage: 100µV
Input Bias Current: 5µA
Bandwidth: 270 kHz minimum
Quiescent Current: 75µA
PSRR (DC): 122 dB
CMRR (DC): 124 dB
Wide automotive temperature range.
Features:
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
Description
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 380µm(15 Mils) – On request
Assembled into in VSSOP package – On request
SiSA4080 is a 76V capable current sense amplifier produced
using SOI (Silicon-On-Insulator) technology. A wide power
supply range of 4.5V - 76V applies to both input common-
mode and supply voltages for simplified high-voltage current
monitoring. The device can be powered by the same voltage
being monitored and requires no intermediate supply voltage
routed to the point of load. High-side current monitoring avoids
ground path interference with the measured load and is
functionally suited for high-voltage precision applications.
SiSA4080 is a fixed 60V/V gain device and is specified for
operation over a wide -40°C to +125° temperature range. A
user selectable external sense resistor sets the full-scale
current reading and its proportional output voltage.
Optimized design + fab process deliver an industry smallest
die with exceptional stability. This device suits applications
requiring very high integration and reliability over temperature.
Ordering Information
Die Dimensions in µm (mils)
1330 (52)
Page 1 of 5
www.siliconsupplies.com


Similar Part No. - SISA4080

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SISA4080 SS-SISA4080 Datasheet
494Kb / 5P
Current Sense Amplifier
More results

Similar Description - SISA4080

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
High-side current sense amplifier
23-Sep-2010
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
Precision Current-Sense Amplifier
logo
Texas Instruments
INA240-Q1 TI1-INA240-Q1 Datasheet
547Kb / 10P
Current-Sense Amplifier
logo
Linear Technology
LT6119-1 LINER-LT6119-1 Datasheet
337Kb / 28P
Current Sense Amplifier
logo
Semtech Corporation
TS94033 SEMTECH-TS94033 Datasheet
1Mb / 10P
Current Sense Amplifier
logo
Silicon Supplies
SISA4080 SS-SISA4080 Datasheet
494Kb / 5P
Current Sense Amplifier
logo
Rohm
BD14210G-LA ROHM-BD14210G-LA Datasheet
983Kb / 19P
Current Sense Amplifier
03.Mar.2022 Rev.001
BD14210G-EVK-001 ROHM-BD14210G-EVK-001 Datasheet
668Kb / 4P
Current Sense Amplifier
Rev.001 Oct.2022
BD14215FVJ-LA ROHM-BD14215FVJ-LA Datasheet
1Mb / 19P
Current Sense Amplifier
06.Sep.2022 Rev.001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com