Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3333AIDCKT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF3333AIDCKT
Description  3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3333AIDCKT Datasheet(HTML) 3 Page - Texas Instruments

  REF3333AIDCKT Datasheet HTML 1Page - Texas Instruments REF3333AIDCKT Datasheet HTML 2Page - Texas Instruments REF3333AIDCKT Datasheet HTML 3Page - Texas Instruments REF3333AIDCKT Datasheet HTML 4Page - Texas Instruments REF3333AIDCKT Datasheet HTML 5Page - Texas Instruments REF3333AIDCKT Datasheet HTML 6Page - Texas Instruments REF3333AIDCKT Datasheet HTML 7Page - Texas Instruments REF3333AIDCKT Datasheet HTML 8Page - Texas Instruments REF3333AIDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: VIN = +5V
REF3312,, REF3318
REF3320, REF3325
REF3330, REF3333
SBOS392A – AUGUST 2007 – REVISED SEPTEMBER 2007
Boldface limits apply over the specified temperature range, –40
°C to +125°C.
At TA = +25°C and ILOAD = 0mA, unless otherwise noted.
REF33xx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REF3312 (1.25V)
OUTPUT VOLTAGE
Initial Accuracy
VOUT
VIN = 5V
1.25
V
–0.15
+0.15
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
35
μVPP
REF3318 (1.8V)
OUTPUT VOLTAGE
Initial Accuracy
VOUT
VIN = 5V
1.8
V
–0.15
+0.15
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
50
μVPP
REF3320 (2.048V)
OUTPUT VOLTAGE
Initial Accuracy
VOUT
VIN = 5V
2.048
V
–0.15
+0.15
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
55
μVPP
REF3325 (2.5V)
OUTPUT VOLTAGE
Initial Accuracy
VOUT
VIN = 5V
2.5
V
–0.15
+0.15
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
70
μVPP
REF3330 (3.0V)
OUTPUT VOLTAGE
Initial Accuracy
VOUT
VIN = 5V
3.0
V
–0.15
+0.15
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
84
μVPP
REF3333 (3.3V)
OUTPUT VOLTAGE
Initial Accuracy
VOUT
VIN = 5V
3.3
V
–0.15
+0.15
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
92
μVPP
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): REF3312 REF3318 REF3320 REF3325 REF3330 REF3333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com