Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC912XDP512F0CFVR Datasheet(PDF) 327 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 327 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 323Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 324Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 325Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 326Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 327Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 328Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 329Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 330Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 331Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
327
7.3.2.11
Timer System Control Register 2 (TSCR2)
Read or write: Anytime
All bits reset to zero.
76543210
R
TOI
000
TCRE
PR2
PR1
PR0
W
Reset
00000000
= Unimplemented or Reserved
Figure 7-16. Timer System Control Register 2 (TSCR2)
Table 7-14. TSCR2 Field Descriptions
Field
Description
7
TOI
Timer Overflow Interrupt Enable
0 Timer overflow interrupt disabled.
1 Hardware interrupt requested when TOF flag set.
3
TCRE
Timer Counter Reset Enable — This bit allows the timer counter to be reset by a successful channel 7 output
compare. This mode of operation is similar to an up-counting modulus counter.
0 Counter reset disabled and counter free runs.
1 Counter reset by a successful output compare on channel 7.
Note: If register TC7 = 0x0000 and TCRE = 1, then the TCNT register will stay at 0x0000 continuously. If register
TC7 = 0xFFFF and TCRE = 1, the TOF flag will never be set when TCNT is reset from 0xFFFF to 0x0000.
2:0
PR[2:0]
Timer Prescaler Select — These three bits specify the division rate of the main Timer prescaler when the PRNT
bit of register TSCR1 is set to 0. The newly selected prescale factor will not take effect until the next synchronized
edge where all prescale counter stages equal zero. See Table 7-15.
Table 7-15. Prescaler Selection
PR2
PR1
PR0
Prescale Factor
00
0
1
00
1
2
01
0
4
01
1
8
10
0
16
10
1
32
11
0
64
1
1
1
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com