Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC912XDP512F0CFVR Datasheet(PDF) 328 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 328 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 324Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 325Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 326Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 327Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 328Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 329Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 330Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 331Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 332Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
328
Freescale Semiconductor
7.3.2.12
Main Timer Interrupt Flag 1 (TFLG1)
Read: Anytime
Write used in the flag clearing mechanism. Writing a one to the flag clears the flag. Writing a zero will not
affect the current status of the bit.
NOTE
When TFFCA = 1, the flags cannot be cleared via the normal flag clearing
mechanism (writing a one to the flag). Reference Section 7.3.2.6, “Timer
System Control Register 1 (TSCR1)”.
All bits reset to zero.
TFLG1 indicates when interrupt conditions have occurred. The flags can be cleared via the normal flag
clearing mechanism (writing a one to the flag) or via the fast flag clearing mechanism (reference TFFCA
bit in Section 7.3.2.6, “Timer System Control Register 1 (TSCR1)”).
Use of the TFMOD bit in the ICSYS register in conjunction with the use of the ICOVW register allows a
timer interrupt to be generated after capturing two values in the capture and holding registers, instead of
generating an interrupt for every capture.
76543210
R
C7F
C6F
C5F
C4F
C3F
C2F
C1F
C0F
W
Reset
00000000
Figure 7-17. Main Timer Interrupt Flag 1 (TFLG1)
Table 7-16. TFLG1 Field Descriptions
Field
Description
7:0
C[7:0]F
Input Capture/Output Compare Channel “x” Flag — A CxF flag is set when a corresponding input capture or
output compare is detected. C0F can also be set by 16-bit Pulse Accumulator B (PACB). C3F–C0F can also be
set by 8-bit pulse accumulators PAC3–PAC0.
If the delay counter is enabled, the CxF flag will not be set until after the delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com