Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84A-04I/PROM Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC16F84A-04I/PROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-04I/PROM Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC16F84A-04I/PROM Datasheet HTML 57Page - Microchip Technology PIC16F84A-04I/PROM Datasheet HTML 58Page - Microchip Technology PIC16F84A-04I/PROM Datasheet HTML 59Page - Microchip Technology PIC16F84A-04I/PROM Datasheet HTML 60Page - Microchip Technology PIC16F84A-04I/PROM Datasheet HTML 61Page - Microchip Technology PIC16F84A-04I/PROM Datasheet HTML 62Page - Microchip Technology PIC16F84A-04I/PROM Datasheet HTML 63Page - Microchip Technology PIC16F84A-04I/PROM Datasheet HTML 64Page - Microchip Technology PIC16F84A-04I/PROM Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
© 2001 Microchip Technology Inc.
DS35007B-page 59
PIC16F84A
FIGURE 9-8:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER TIMING
TABLE 9-4:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND
POWER-UP TIMER REQUIREMENTS
VDD
MCLR
Internal
POR
PWRT
Time-out
OSC
Time-out
Internal
Reset
Watchdog
Timer
Reset
33
32
30
31
34
I/O Pins
34
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
30
TmcL
MCLR Pulse Width (low)
2
——
µsVDD = 5.0V
31
TWDT
Watchdog Timer Time-out
Period (No Prescaler)
718
33
ms
VDD = 5.0V
32
TOST
Oscillation Start-up Timer
Period
1024TOSC
ms
TOSC = OSC1 period
33
TPWRT
Power-up Timer Period
28
72
132
ms
VDD = 5.0V
34
TIOZ
I/O hi-impedance from MCLR
Low or RESET
——
100
ns
† Data in "Typ" column is at 5V, 25
°C, unless otherwise stated. These parameters are for design guidance
only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com