| Electronic Components Datasheet Search |
|
PIC16F84AT-20/PQTP Datasheet(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F84AT-20/PQTP Datasheet(HTML) 21 Page - Microchip Technology |
|
21 / 88 page ![]() © 2001 Microchip Technology Inc. DS35007B-page 19 PIC16F84A 5.0 TIMER0 MODULE The Timer0 module timer/counter has the following features: • 8-bit timer/counter • Readable and writable • Internal or external clock select • Edge select for external clock • 8-bit software programmable prescaler • Interrupt-on-overflow from FFh to 00h Figure 5-1 is a simplified block diagram of the Timer0 module. Additional information on timer modules is available in the PICmicro™ Mid-Range Reference Manual (DS33023). 5.1 Timer0 Operation Timer0 can operate as a timer or as a counter. Timer mode is selected by clearing bit T0CS (OPTION_REG<5>). In Timer mode, the Timer0 mod- ule will increment every instruction cycle (without pres- caler). If the TMR0 register is written, the increment is inhibited for the following two instruction cycles. The user can work around this by writing an adjusted value to the TMR0 register. Counter mode is selected by setting bit T0CS (OPTION_REG<5>). In Counter mode, Timer0 will increment, either on every rising or falling edge of pin RA4/T0CKI. The incrementing edge is determined by the Timer0 Source Edge Select bit, T0SE (OPTION_REG<4>). Clearing bit T0SE selects the ris- ing edge. Restrictions on the external clock input are discussed below. When an external clock input is used for Timer0, it must meet certain requirements. The requirements ensure the external clock can be synchronized with the internal phase clock (TOSC). Also, there is a delay in the actual incrementing of Timer0 after synchronization. Additional information on external clock requirements is available in the PICmicro™ Mid-Range Reference Manual, (DS33023). 5.2 Prescaler An 8-bit counter is available as a prescaler for the Timer0 module, or as a postscaler for the Watchdog Timer, respectively (Figure 5-2). For simplicity, this counter is being referred to as “prescaler” throughout this data sheet. Note that there is only one prescaler available which is mutually exclusively shared between the Timer0 module and the Watchdog Timer. Thus, a prescaler assignment for the Timer0 module means that there is no prescaler for the Watchdog Timer, and vice-versa. The prescaler is not readable or writable. The PSA and PS2:PS0 bits (OPTION_REG<3:0>) determine the prescaler assignment and prescale ratio. Clearing bit PSA will assign the prescaler to the Timer0 module. When the prescaler is assigned to the Timer0 module, prescale values of 1:2, 1:4, ..., 1:256 are selectable. Setting bit PSA will assign the prescaler to the Watchdog Timer (WDT). When the prescaler is assigned to the WDT, prescale values of 1:1, 1:2, ..., 1:128 are selectable. When assigned to the Timer0 module, all instructions writing to the TMR0 register (e.g., CLRF 1, MOVWF 1, BSF 1, etc.) will clear the prescaler. When assigned to WDT, a CLRWDT instruction will clear the prescaler along with the WDT. FIGURE 5-1: TIMER0 BLOCK DIAGRAM Note: Writing to TMR0 when the prescaler is assigned to Timer0 will clear the prescaler count, but will not change the prescaler assignment. Note 1: T0CS, T0SE, PSA, PS2:PS0 (OPTION_REG<5:0>). 2: The prescaler is shared with Watchdog Timer (refer to Figure 5-2 for detailed block diagram). RA4/T0CKI T0SE 0 1 1 0 pin T0CS FOSC/4 Programmable Prescaler Sync with Internal Clocks TMR0 PSOUT (2 Cycle Delay) PSOUT Data Bus 8 PSA PS2, PS1, PS0 Set Interrupt Flag bit T0IF on Overflow 3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |