Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV70 Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # BAV70
Description  SILICON PLANAR EPITAXIAL HIGH-SPEED DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BAV70 Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  BAV70 Datasheet HTML 1Page - TRANSYS Electronics Limited BAV70 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS (per diode)
Limiting values
Continuous reverse voltage
VR
max.
70 V
Repetitive peak reverse voltage
VRRM
max.
75 V
Forward current (DC)
IF
max.
215 mA
Repetitive peak forward current
IFRM
max.
450 mA
Non-repetitive peak forward current
(per crystal)
t = 1
µsIFSM
max.
4 A
t = 1 ms
IFSM
max.
1 A
t = 1 s
IFSM
max.
0,5 A
Storage temperature range
Tstg
-55 to +150 °C
Junction temperature
Tj
max.
150 °C
THERMAL RESISTANCE
From junction to ambient
Rthj-a
=
500 K/W
Tj = 25 °C unless otherwise specified
Forward voltage
IF = 1 mA
VF
<
715 mV
IF = 10 mA
VF
<
855 mV
IF = 50 mA
VF
<
1000 mV
IF = 150 mA
VF
<
1250 mV
Reverse current
VR = 25 V; Tj = 150°C
IR
<60
µA
VR = 70 V
IR
<
2.5
µA
VR = 70 V; Tj = 150°C
IR
<
100
µA
Diode capacitance
VR = 0; f = 1 MHz
Cd
<
1,5 pF
Forward recovery voltage when switched to
IF = 10 mA; tr = 20 ns
Vfr
<
1,75 V
BAV70



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com