Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # BZX84C
Description  SILICON PLANAR VOLTAGE REGULATOR DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BZX84C Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  BZX84C Datasheet HTML 1Page - TRANSYS Electronics Limited BZX84C Datasheet HTML 2Page - TRANSYS Electronics Limited BZX84C Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
Repetitive peak forward current
IFRM max. 250 mA
Repetitive peak working current
IZRM
max.
250 mA
Total power dissipation up to Tamb = 25 °C*
Ptot
max.
300 mW
Total power dissipation up to Tamb = 25 °C**
Ptot
max.
250 mW
Storage temperature
Tstg
–55 to +150 °C
Junction temperature
Tj
max.
150 °C
THERMAL RESISTANCE
From junction to ambient
Rth j–a
430 K/W
From junction to ambient
Rth j–a
500 K/W
CHARACTERISTICS
Tj = 25 °C unless otherwise specified
Forward voltage
IF = 10 mA
VF
<
0.9 V
Reverse current
BZX84–3V3
VR = 1 V
IR
<5
µA
3V6
VR = 1 V
IR
<5
µA
3V9
VR = 1 V
IR
<3
µA
4V3
VR = 1 V
IR
<
3
µA
4V7
VR = 2 V
IR
<3
µA
5V1
VR = 2 V
IR
<2
µA
5V6
VR = 2 V
IR
<1
µA
6V2
VR = 4V
IR
<3
µA
6V8
VR = 4V
IR
<2
µA
7V5
VR = 5 V
IR
<1
µA
8V2
VR = 5 V
IR
<
700 nA
9V1
VR = 6 V
IR
<
500 nA
10
VR = 7 V
IR
<
200 nA
11
VR = 8V
IR
<
100 nA
12
VR = 8V
IR
<
100 nA
13
VR = 8V
IR
<
100 nA
15 to 47
VR = 0.7 VZnom
IR
<50 nA
.. = C for 5%
Tj = 25 ° C
±5% tolerance range
* Device mounted on a ceramic alumna
** Device mounted on an FR5 printed-circuit board
Tj = 25 ° C
±5% tolerance range
BZX84C series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com