Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17570 Datasheet(PDF) 2 Page - Evolt

Part # 17570
Description  LEDFIRE INBUILT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

17570 Datasheet(HTML) 2 Page - Evolt

  17570 Datasheet HTML 1Page - Evolt 17570 Datasheet HTML 2Page - Evolt 17570 Datasheet HTML 3Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COMPLIANCE
Product Design Life
12 years
The product design life relates to the total product life which includes LEDs,
drivers and the enclosure. This is different to the LED lifetime which only refers
to the economical lifetime of the LEDs at which time the lumen output has
dropped below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product and takes into
account the Daily Use.
Standards
AS/NZS 60598.1
AS 60598.2.22
AS/NZS 61347.1
AS/NZS 61347.2.13
AS CISPR 15
AS/NZS 2293.3
WARRANTY
Commercial Use Warranty
8 RTB (Total 8 Years)
DIMENSIONS
Cutout
44 mm
Product Diameter
56 mm
Product Height
48 mm
LINE DRAWINGS
EV/LEDFIRE/OEM/PRO/2
EV/LEDFIRE/OEM/PRO/3
EV/LEDFIRE/OEM/PRO/1
PHOTOMETRICS
EV/LEDFIRE/OEM/PRO
ACCESSORIES
Order code
17574
Description
Ledfire Pro OEM Kit Flex&Plug
with terminals and covers (F&P
and covers only)
Item Code
EV-LEDFIRE-OEM-PRO-F&P
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com