Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD1C151MCL Datasheet(PDF) 1 Page - Nichicon corporation

Part # UCD1C151MCL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCD1C151MCL Datasheet(HTML) 1 Page - Nichicon corporation

  UCD1C151MCL Datasheet HTML 1Page - Nichicon corporation UCD1C151MCL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CD ChipType,LowImpedance
Specifications
Chip type, low impedance temperature range up to +105
°C.
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine using carrier tape.
Adapted to the RoHS directive (2002/95/EC).
series
(
φ4 ~ φ8 × 6.2)
(
φ12.5 ~ φ18)
(
φ8 × 10, φ10 × 10)
V
Code
6.3
j
10
A
16
C
25
E
35
V
50
H
63
J
80
K
100
2A
Voltage
Chip Type
Type numbering system (Example : 16V 100
µF)
0.3 MAX.
C
±0.2
H
H
0.3 MAX.
0.3 MAX.
H
C
±0.2
L
±0.3
L
±0.5
Series
Capacitance
Lot No.
Lot No.
Capacitance
Plastic platform
Plastic platform
Series
Trade mark
Voltage ( j : 6.3V )
Voltage ( E : 25V )
Negative
Positive
Negative
Positive
Negative
Positive
Trade mark
L
±1.0
C
±0.2
Trade mark
Voltage
Plastic platform
Series
Capacitance
Lot No.
Pressure
relief vent
Pressure
relief vent
U
1
C
2
D
3
1
4
C
5
1
6
0
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
φ D
4 ~ 6.3
8 (6.2L)
CL
CL
8(10L) • 10
NL
12.5~18
NQ
Configuration
Size code
Package code
Capacitance tolerance (
±20%)
Rated Capacitance (100
µF)
Rated voltage (16V)
Series name
Type
Code
A
B
C
E
L
H
4
× 5.8
1.8
4.3
4.3
1.0
5.8
0.5 ~ 0.8
5
× 5.8
2.1
5.3
5.3
1.3
5.8
0.5 ~ 0.8
6.3
× 5.8
2.4
6.6
6.6
2.2
5.8
0.5 ~ 0.8
6.3
× 7.7
2.4
6.6
6.6
2.2
7.7
0.5 ~ 0.8
(mm)
8
× 6.2
3.3
8.3
8.3
2.3
6.2
0.5 ~ 0.8
8
× 10
2.9
8.3
8.3
3.1
10
0.8 ~ 1.1
10
× 10
3.2
10.3
10.3
4.5
10
0.8 ~ 1.1
φ D × L
A
B
C
E
L
H
12.5
× 13.5
4.8
13.6
13.6
4.0
13.5
1.0 ~ 1.4
16
× 16.5
5.4
17.1
17.1
6.3
16.5
1.0 ~ 1.4
18
× 16.5
6.4
19.1
19.1
6.3
16.5
1.0 ~ 1.4
φ D × L
Item
Performance Characteristics
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Resistance to soldering
heat
Marking
– 55 ~ +105
°C
6.3 ~ 100V
1 ~ 3300
µF
± 20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (
µA), whichever is greater.
After 5000 hours' (2000 hours for L
10 mm: 50V
or less, and for L
10mm: 63V or more) application of
rated voltage at 105
°C, capacitors meet the characteristics
requirements listed at right.
After storing the capacitors under no load at 105
°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at
20
°C, they will meet the specified value for endurance characteristics listed above.
The capacitors shall be kept on the hot plate maintained at 250
°C
for 30 seconds. After removing from the hot plate and restored
at room temperature, they meet the characteristics requirements
listed at right.
Black print on the case top.
6.3
2
3
4
Z—25
°C / Z+20°C
Z—40
°C / Z+20°C
Z—55
°C / Z+20°C
Measurement frequency : 120Hz
Measurement frequency : 120Hz, Temperature : 20
°C
For capacitance of more than 1000
µF, add 0.02 for every increase of 1000µF.
Capacitance Change
tan
δ
Leakage current
Within
± 10% of initial value
Initial specified value or less
Initial specified value or less
Capacitance Change
tan
δ
Leakage current
Within
± 30% of initial value for capacitors
200% or less initial specified value
300% or less initial specified value for 63V or more
Initial specified value or less
Rated voltage (V)
tan
δ (MAX.)
Rated voltage (V)
Impecance ratio
ZT / Z20 (MAX.)
10
2
3
4
16
2
3
4
25
2
3
3
35
2
3
3
50
2
3
3
63
2
3
3
80
2
3
3
100
2
3
3
6.3
0.26
10
0.19
16
0.16
25
0.14
35
0.12
50
0.10
63
0.08
80
0.08
100
0.07
1
1: Size
φ8 × 6.2 only
CD
UD
Low Impedance
Taping
Taping
φ4 ~ 10
φ12.5 ~ 18
GS
MS
Tray
φ12.5 ~ 18
ZD
Code
Package
Size
Dimension table in next page.
CAT.8100V-3


Similar Part No. - UCD1C151MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCD1C151M NICHICON-UCD1C151M Datasheet
731Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UCD1C151MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
UPX1A331MPD NICHICON-UPX1A331MPD Datasheet
101Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com