Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF60045R Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # MBRF60045R
Description  SCHOTTKY DIODES MODULE TYPE 600A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

MBRF60045R Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  MBRF60045R Datasheet HTML 1Page - TRANSYS Electronics Limited MBRF60045R Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
High Surge Capability
Maximum Ratings
Operating Temperature: -40 C to
+175
Storage Temperature: -40 C to
+175
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
600A
TC =100
Peak Forward Surge
Current
IFSM
4000A
8.3ms , half sine
Maximum
Instantaneous
Forward Voltage
VF
IFM =300 A; T = 25
IR
mA
TJ = 25
TJ =
Types Up to 45V VRRM
Maximum Thermal
Resistance Junction
To Case
R j c
/W
m A
E
E
G
G
H
H
D
D
A
A
B
B
C
C
M
M
L
L
JJ
F
F
K
K
MBRF60020(R)
MBRF60030(R)
MBRF60035(R)
MBRF60040(R)
MBRF60045(R)
20V
30V
35V
40V
45V
14V
21V
25V
28V
32V
20V
30V
35V
40V
45V
j
10
200
125
(Per pkg)
(Per leg)
(Per leg)
(Per leg)
0.8
FULL PACKAGE
600Amp Rectifier
20-45 Volts
SCHOTTKY DIODES MODULE TYPE 600A
MBRF60020(R)
THRU
MBRF60045(R)
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
¼
B
C
.700
E
F
G
H
1/4
.380
1.565
NOM
.604
K
L
3.150
40.26
.800
.119
3.55
.132
3.65
- 20
.185
1.375
.635
REF
.410
.195
39.75
80.01
17.78
3.02
34.92
15.35
UNC
90.17
9.65
4.70
NOM
1.585
20.32
3.35
REF
16.35
92.71
FULL
10.41
4.95
J
M
7.49
6.99
.295
.275
LUG
Teminal
Anode 1
Baseplate
Common Cathode
Baseplate
R=Common Anode
LUG
Teminal
Anode 2
LUG
Teminal
Cathode 1
LUG
Teminal
Cathode 2
0.65V
Pulse Test: Pulse Width 300 usec,Duty Cycle
2%
NOTE :
(1)
<
NOTE (1)
Voltage
(Per leg)
Maximum
Instantaneous
Reverse Current At
Rated DC Blocking
NOTE (1)
Transys
Electronics
LI M ITE D


Similar Part No. - MBRF60045R

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBRF60045 GENESIC-MBRF60045 Datasheet
468Kb / 3P
Silicon Power Schottky Diode
More results

Similar Description - MBRF60045R

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR60020CT TEL-MBR60020CT Datasheet
132Kb / 2P
SCHOTTKY DIODES MODULE TYPE 600A
FSTI20020 TEL-FSTI20020 Datasheet
119Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
FST6210L TEL-FST6210L Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST7220L TEL-FST7220L Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7220SL TEL-FST7220SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320M TEL-FST7320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320SL TEL-FST7320SL Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST8320M TEL-FST8320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
FST16020 TEL-FST16020 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 160A
FSTI10020 TEL-FSTI10020 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 100A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com