Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UHD0J331MHD Datasheet(PDF) 3 Page - Nichicon corporation

Part # UHD0J331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHD0J331MHD Datasheet(HTML) 3 Page - Nichicon corporation

  UHD0J331MHD Datasheet HTML 1Page - Nichicon corporation UHD0J331MHD Datasheet HTML 2Page - Nichicon corporation UHD0J331MHD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HD
series
ALUMINUM ELECTROLYTIC CAPACITORS
: In this case,
will be put at 12th digit of type numbering system.
6
Standard ratings
22
33
56
100
120
150
180
220
270
330
470
560
680
820
1000
1200
1500
1800
220
330
560
101
121
151
181
221
271
331
471
561
681
821
102
122
152
182
5
× 11
6.3
× 11
8
× 11.5
8
× 15
10
× 12.5
8
× 20
10
× 16
10
× 20
10
× 25
12.5
× 20
12.5
× 25
12.5
× 31.5
16
× 20
12.5
× 35.5
16
× 25
0.30
0.13
0.072
0.056
0.053
0.041
0.038
0.023
0.022
0.021
0.018
0.016
0.018
0.015
0.016
1.0
0.41
0.22
0.17
0.16
0.13
0.12
0.069
0.066
0.053
0.045
0.041
0.045
0.039
0.043
250
405
760
995
1030
1250
1430
1820
2150
2360
2770
3290
3140
3400
3460
5
× 11
6.3
× 11
8
× 11.5
8
× 15
10
× 12.5
8
× 20
10
× 16
10
× 20
10
× 25
12.5
× 20
12.5
× 25
12.5
× 31.5
12.5
× 35.5
16
× 20
16
× 25
0.34
0.14
0.074
0.061
0.061
0.046
0.042
0.030
0.028
0.027
0.023
0.021
0.019
0.023
0.021
1.18
0.50
0.22
0.18
0.18
0.14
0.12
0.090
0.085
0.068
0.059
0.052
0.051
0.059
0.056
238
385
724
950
979
1190
1370
1580
1870
2050
2410
2860
2960
2730
3010
Cap.(µF)
V (Code)
35 (1V)
Case size
φD
× L
(mm)
Impedance (
Ω) MAX.
20˚C / 100kHz
– 10˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
50 (1H)
Case size
φD
× L
(mm)
Impedance (
Ω) MAX.
20˚C / 100kHz
– 10˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
Item
Code
50Hz
120Hz
1kHz
10kHz
100kHz
0.75
0.85
0.90
0.95
0.90
0.95
0.98
1.00
Cap. (µF)
Frequency
1.00
1.00
1.00
1.00
Frequency coefficient of rated ripple current
22 ~ 33
39 ~ 330
390 ~ 1000
1200 ~ 6800
0.55
0.70
0.75
0.80
0.45
0.60
0.65
0.75
CAT.8100V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com