Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGJ2C331MEL Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGJ2C331MEL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGJ2C331MEL Datasheet(HTML) 1 Page - Nichicon corporation

  LGJ2C331MEL Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
Within ±20% of initial value
Capacitance change
ALUMINUM ELECTROLYTIC CAPACITORS
GJ
series
Snap-in Terminal Type, Low-Profile Sized,
Wide Temperature Range
Withstanding 3000 hours application of rated ripple current at
105°C.
Ideally suited for flat design fo switching power supply.
Adapted to the RoHS directive (2002/95/EC).
Drawing
Type numbering system (Example : 200V 330µF)
GJ
Low
Profile
Low
Profile
GU
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +105°C (160 ~ 250V) , – 25 ~ +105°C (315 ~ 400V)
160 ~ 400V
39 ~ 680µF
± 20% at 120Hz, 20°C
I
(µA) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
Printed with white color letter on black sleeve.
0.15 MAX.
120Hz
20°C
Measurement frequency : 120Hz
After an application of DC voltage (in the range of rated DC voltage
even after over-lapping the specified ripple current) for 3000 hours
at 105°C, capacitors meet the characteristic requirements listed at
right.
After storing the capacitors under no load at 105°C for 1000
hours, and after performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C,
they will meet the requirements listed at right.
Z – 25°C/ Z+20°C
Z – 40°C/ Z+20°C
Rated voltage(V)
Impedance ratio ZT/Z20(MAX.)
160 ~ 250
3
12
315 • 400
8
—
Specifications
(Terminal dimensions)
The other terminal is also available upon request.
Please refer to page 237 for schematic of terminal dimensions.
(PC board hole dimensions)
L
1
G
2
J
3
2
4
D
5
3
6
3
7
1
8
M
9
E
10
L
11
B
12
Configuration
Case dia. code
Capacitance tolerancce (±20%)
Rated Capacitance (330µF)
Rated voltage (200V)
Series name
Type
fD
22
25
30
35
Code
Z
20
Y
A
B
C
10±
0.1
2-2f±0.1
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8 +0.2
-0.1
Polarity bar
10
20±2
4.0±0.5
Pressure relief vent
Sleeve (P.E.T.)
039
047
056
068
082
100
120
150
180
220
270
330
390
470
560
680
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
20
× 20
22
× 20
25
× 20
25
× 20
30
× 20
30
× 20
35
× 20
35
× 20
0.68
0.81
0.98
1.02
1.25
1.30
1.46
1.51
20
× 20
22
× 20
25
× 20
25
× 20
30
× 20
30
× 20
35
× 20
35
× 20
0.62
0.80
0.90
0.95
1.15
1.20
1.36
1.43
20
× 20
22
× 20
22
× 20
25
× 20
30
× 20
30
× 20
35
× 20
35
× 20
0.56
0.73
0.80
0.85
1.05
1.10
1.30
1.41
20
× 20
22
× 20
25
× 20
25
× 20
30
× 20
30
× 20
35
× 20
0.51
0.60
0.74
0.75
0.95
1.00
1.16
20
× 20
22
× 20
22
× 20
25
× 20
30
× 20
30
× 20
35
× 20
35
× 20
20
× 20
22
× 20
25
× 20
25
× 20
30
× 20
30
× 20
35
× 20
35
× 20
Case size
φ D × L (mm)
0.38
0.45
0.47
0.56
0.65
0.70
0.85
0.90
0.32
0.37
0.40
0.46
0.55
0.60
0.75
0.80
Rated
ripple
160V (2C)
180V (2Z)
200V (2D)
250V (2E)
315V (2F)
400V (2G)
Code
Dimensions
Rated Ripple (Arms) at 105°C 120Hz
Frequency coefficient of rated ripple current
Frequency (Hz)
160 ~ 250V
315 · 400V
Coeff.
50
60
120
300
1 k
10k~
50k~
0.81
0.85
1.00
1.17
1.32
1.45
1.50
0.77
0.82
1.00
1.16
1.30
1.41
1.43
V(Code)
Cap.(µF)
Leakage current
tan
δ
Initial specified value or less
200% or less of initial specified value
Capacitance change
Leakage current
tan
δ
Within ±15% of initial value
Initial specified value or less
150% or less of initial specified value
Minimum order quantity : 50pcs.
3
CV
GJ(15)


Similar Part No. - LGJ2C331MEL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGJ2C331MELC NICHICON-LGJ2C331MELC Datasheet
70Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LGJ2C331MEL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com