Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGN2Z331MELY25 Datasheet(PDF) 3 Page - Nichicon corporation

Part # LGN2Z331MELY25
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGN2Z331MELY25 Datasheet(HTML) 3 Page - Nichicon corporation

  LGN2Z331MELY25 Datasheet HTML 1Page - Nichicon corporation LGN2Z331MELY25 Datasheet HTML 2Page - Nichicon corporation LGN2Z331MELY25 Datasheet HTML 3Page - Nichicon corporation LGN2Z331MELY25 Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GN
series
ALUMINUM ELECTROLYTIC CAPACITORS
220
270
330
390
470
560
680
820
1000
1200
1500
1800
22
× 25
22
× 25
20
× 35
22
× 30
25
× 25
20
× 40
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
35
× 30
30
× 40
35
× 35
30
× 45
35
× 40
35
× 45
35
× 50
1000
1100
1200
1200
1200
1300
1300
1300
1400
1400
1400
1500
1500
1500
1700
1700
1700
1700
2000
2000
2000
2200
2200
2300
2300
2500
2700
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.70
0.77
0.86
0.86
0.86
0.93
0.93
0.93
1.02
1.02
1.02
1.12
1.12
1.12
1.23
1.23
1.23
1.23
1.35
1.35
1.35
1.50
1.50
1.64
1.64
1.83
2.01
LGN2E221MELZ25
LGN2E271MELZ25
LGN2E331MELY35
LGN2E331MELZ30
LGN2E331MELA25
LGN2E391MELY40
LGN2E391MELZ35
LGN2E391MELA30
LGN2E471MELZ40
LGN2E471MELA35
LGN2E471MELB25
LGN2E561MELZ45
LGN2E561MELA35
LGN2E561MELB30
LGN2E681MELZ50
LGN2E681MELA40
LGN2E681MELB30
LGN2E681MELC25
LGN2E821MELA45
LGN2E821MELB35
LGN2E821MELC30
LGN2E102MELB40
LGN2E102MELC35
LGN2E122MELB45
LGN2E122MELC40
LGN2E152MELC45
LGN2E182MELC50
250V (2E)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
68
82
100
120
150
180
220
270
330
390
470
560
680
20
× 25
20
× 30
20
× 30
22
× 25
20
× 35
22
× 30
20
× 40
22
× 35
22
× 35
25
× 30
30
× 25
22
× 45
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
490
640
680
680
730
730
850
850
950
950
950
1100
1100
1100
1220
1220
1220
1220
1440
1440
1550
1550
1550
1680
1680
1900
1900
2120
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.49
0.54
0.60
0.60
0.65
0.65
0.73
0.73
0.80
0.80
0.80
0.88
0.88
0.88
0.98
0.98
0.98
0.98
1.08
1.08
1.18
1.18
1.18
1.30
1.30
1.41
1.41
1.56
LGN2G680MELY25
LGN2G820MELY30
LGN2G101MELY30
LGN2G101MELZ25
LGN2G121MELY35
LGN2G121MELZ30
LGN2G151MELY40
LGN2G151MELZ35
LGN2G181MELZ35
LGN2G181MELA30
LGN2G181MELB25
LGN2G221MELZ45
LGN2G221MELA35
LGN2G221MELB25
LGN2G271MELZ50
LGN2G271MELA40
LGN2G271MELB30
LGN2G271MELC25
LGN2G331MELA45
LGN2G331MELB35
LGN2G391MELA50
LGN2G391MELB40
LGN2G391MELC30
LGN2G471MELB45
LGN2G471MELC35
LGN2G561MELB50
LGN2G561MELC40
LGN2G681MELC45
400V (2G)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
Rated Ripple (mArms) at 105°C 120Hz
120
150
180
220
270
330
390
470
560
680
820
22
× 25
22
× 30
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 45
25
× 40
30
× 30
25
× 45
30
× 35
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
750
820
900
900
1000
1000
1100
1100
1100
1200
1200
1200
1300
1300
1400
1400
1400
1500
1500
1700
1700
1900
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.61
0.68
0.75
0.75
0.83
0.83
0.92
0.92
0.92
1.01
1.01
1.01
1.10
1.10
1.21
1.21
1.21
1.32
1.32
1.46
1.46
1.60
LGN2V121MELZ25
LGN2V151MELZ30
LGN2V181MELZ30
LGN2V181MELA25
LGN2V221MELZ35
LGN2V221MELA30
LGN2V271MELZ40
LGN2V271MELA35
LGN2V271MELB25
LGN2V331MELZ45
LGN2V331MELA40
LGN2V331MELB30
LGN2V391MELA45
LGN2V391MELB35
LGN2V471MELA50
LGN2V471MELB40
LGN2V471MELC30
LGN2V561MELB45
LGN2V561MELC35
LGN2V681MELB50
LGN2V681MELC40
LGN2V821MELC45
350V (2V)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
68
82
100
120
150
180
220
270
330
390
470
560
680
20
× 25
20
× 25
20
× 30
22
× 25
20
× 35
22
× 30
25
× 25
20
× 40
22
× 35
25
× 30
20
× 45
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
25
× 40
30
× 30
35
× 25
25
× 50
30
× 35
35
× 30
30
× 40
35
× 35
30
× 45
35
× 40
35
× 45
35
× 50
500
640
660
660
810
810
810
840
840
840
910
910
910
910
1050
1050
1050
1250
1250
1250
1420
1420
1420
1610
1610
1860
1860
2100
2200
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.50
0.55
0.61
0.61
0.67
0.67
0.67
0.75
0.75
0.75
0.82
0.82
0.82
0.82
0.91
0.91
0.91
1.01
1.01
1.01
1.11
1.11
1.11
1.21
1.21
1.33
1.33
1.45
1.60
LGNW6680MELY25
LGNW6820MELY25
LGNW6101MELY30
LGNW6101MELZ25
LGNW6121MELY35
LGNW6121MELZ30
LGNW6121MELA25
LGNW6151MELY40
LGNW6151MELZ35
LGNW6151MELA30
LGNW6181MELY45
LGNW6181MELZ40
LGNW6181MELA30
LGNW6181MELB25
LGNW6221MELZ45
LGNW6221MELA35
LGNW6221MELB30
LGNW6271MELA40
LGNW6271MELB30
LGNW6271MELC25
LGNW6331MELA50
LGNW6331MELB35
LGNW6331MELC30
LGNW6391MELB40
LGNW6391MELC35
LGNW6471MELB45
LGNW6471MELC40
LGNW6561MELC45
LGNW6681MELC50
420V (W6)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
Dimensions
CAT.8100V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com