Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGJ2C331MELC Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGJ2C331MELC
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGJ2C331MELC Datasheet(HTML) 1 Page - Nichicon corporation

  LGJ2C331MELC Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
GJ(15)
series
Snap-in Terminal Type, Low-Profile Sized,
Wide Temperature Range.
Withstanding 2000 hours application of rated ripple current at 105°C.
Smaller than low-profile GJ series.
Ideally suited for flat design of switching power supply.
Adapted to the RoHS directive (2002/95/EC).
GJ(15)
Low
Profile
GJ
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +105°C (160~250V) , – 25 ~ +105°C (315 ~ 400V)
160 ~ 400V
39 ~ 390µF
± 20% at 120Hz, 20°C
I
(µA) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
Printed with white color letter on black sleeve.
0.20 MAX.
120Hz
20°C
Measurement frequency : 120Hz
After an application of DC voltage (in the range of rated DC voltage
even after over-lapping the specified ripple current) for 2000 hours
at 105°C, capacitors meet the characteristic requirements listed at
right.
After storing the capacitors under no load at 105°C for 1000
hours, and after performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C,
they will meet the requirements listed at right.
Z – 25°C/ Z+20°C
Z – 40°C/ Z+20°C
Rated voltage(V)
Impedance ratio ZT/Z20(MAX.)
160 ~ 250
3
12
315 • 400
8
—
Specifications
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value
Initial specified value or less
200% or less of initial specified value
Capacitance change
Leakage current
tan
δ
Within ±15% of initial value
Initial specified value or less
150% or less of initial specified value
L
1
G
2
J
3
2
4
D
5
3
6
3
7
1
8
M
9
E
10
L
11
C
12
1
13
5
14
Configuration
Case dia. code
Case length code
Capacitance tolerance (±20%)
Rated Capacitance (330µF)
Rated voltage (200V)
Series name
Type
20
22
25
30
35
Code
Y
Z
A
B
C
fD
(Terminal dimensions)
(PC board hole dimensions)
10±
0.1
2-2f±0.1
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8 +0.2
-0.1
Polarity bar
10
15±2
4.0±0.5
Pressure relief vent
Sleeve (P.E.T.)
Frequency coefficient of rated ripple current
Frequency (Hz)
160 ~ 250V
315 · 400V
Coeff.
50
60
120
300
1 k
10k~
50k~
0.81
0.85
1.00
1.17
1.32
1.45
1.50
0.77
0.82
1.00
1.16
1.30
1.41
1.43
Minimum order quantity : 50pcs.
Drawing
Type numbering system (Example : 200V 330µF)
039
047
056
068
082
100
120
150
180
220
270
330
390
390
470
560
680
820
101
121
151
181
221
271
331
391
20
× 15
22
× 15
25
× 15
30
× 15
30
× 15
35
× 15
0.55
0.65
0.80
0.95
1.00
1.20
20
× 15
22
× 15
25
× 15
30
× 15
30
× 15
35
× 15
35
× 15
0.50
0.60
0.75
0.85
1.00
1.10
1.20
20
× 15
22
× 15
25
× 15
25
× 15
30
× 15
30
× 15
35
× 15
0.45
0.55
0.65
0.75
0.90
1.00
1.10
22
× 15
25
× 15
30
× 15
30
× 15
35
× 15
35
× 15
0.50
0.60
0.70
0.75
0.90
1.00
22
× 15
25
× 15
30
× 15
30
× 15
35
× 15
35
× 15
22
× 15
25
× 15
30
× 15
30
× 15
35
× 15
35
× 15
Case size
φ D × L (mm)
0.35
0.40
0.45
0.50
0.55
0.60
0.30
0.35
0.40
0.45
0.50
0.55
Rated
ripple
160V (2C)
180V (2Z)
200V (2D)
250V (2E)
315V (2F)
400V (2G)
Code
Dimensions
Rated Ripple (Arms) at 105°C 120Hz
V(Code)
Cap.(µF)
3
CV


Similar Part No. - LGJ2C331MELC

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGJ2C331MEL NICHICON-LGJ2C331MEL Datasheet
67Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LGJ2C331MELC

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com