Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20658 Datasheet(PDF) 1 Page - Atom Lighting

Part # 20658
Description  AT9220 Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

20658 Datasheet(HTML) 1 Page - Atom Lighting

  20658 Datasheet HTML 1Page - Atom Lighting 20658 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AT9220 Assembly
Custom LED Assembly - Square Shallow Extrusion.
Superior 24V design
Long operating lifetime
Square Shallow Extrusion with front clip in Diffuser
Includes IP20 Rated 24V constant Voltage Driver
with Flex and Plug
Supplied with mounting Clips
2m Tails for easy wiring to remote driver
Custom extrusion Length ( Must be specified
before delivery)
Superior efficacy and Colour Rendering Index
(90CRI+)
Cut measurements are from end-to-end including
the endcaps
Cable entry is from the end of the extrusion unless
specified with the cut lengths.
Cut length does not always match LED Strip
cutting intervals. LED strip will be placed centre on
the Extrusion
ORDERING INFORMATION
Order code
20658
Description
Square Shallow Assembly
9.6W/m IP20 LED Strip and
driver / 4000K / 90CRI / 2M
Driver Power
20 W
Driver Type
Fixed output
Item Code
AT9220/2M/AT9252/CW/IP20
EFFICIENCIES
Total System Efficiency
122 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
MECHANICAL
Body Material
Aluminium
Diffuser Material
PMMA
Fitting Colour
Silver
Installation Type
Surface mount
IP Rating
IP20
ELECTRICAL
Electrical Rating
Class II
Input Frequency
50 Hz
Input voltage
180-240
Maximum Wattage
20 W
Power Factor
0.95
Switch Type
Inline
Watts Per Meter (W/m)
9.6
Working Temp Range
0 to 40 °C
LAMP
Macadam Steps (SDCM)
3-step MacAdam Ellipse
Beam Angle
120 °
CCT Configuration
Single
Colour Rendering Index (CRI)
>90
Lamp/LED voltage
24 V
LED's per meter
128
Lumens /m
1180 lm/m
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 20658

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2065883-1 TEC-2065883-1 Datasheet
362Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
2065883-2 TEC-2065883-2 Datasheet
362Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 20658

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
SIP5 LSI-SIP5 Datasheet
37Kb / 2P
LSI Assembly
logo
Rohm
HQFN36V ROHM-HQFN36V Datasheet
38Kb / 2P
LSI Assembly
QFP32 ROHM-QFP32 Datasheet
38Kb / 2P
LSI Assembly
QFP80 ROHM-QFP80 Datasheet
43Kb / 2P
LSI Assembly
QFP120 ROHM-QFP120 Datasheet
41Kb / 2P
LSI Assembly
QFP-A64 ROHM-QFP-A64 Datasheet
39Kb / 2P
LSI Assembly
SOP14 ROHM-SOP14 Datasheet
35Kb / 2P
LSI Assembly
SQFP56 ROHM-SQFP56 Datasheet
40Kb / 2P
LSI Assembly
SQFP100 ROHM-SQFP100 Datasheet
43Kb / 2P
LSI Assembly
SQFP-T80C ROHM-SQFP-T80C Datasheet
41Kb / 2P
LSI Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com