Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBT970 Datasheet(PDF) 3 Page - DFI Inc

Part # RBT970
Description  AMD Ryzen™ Embedded V3000 Series COM Express® Basic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RBT970 Datasheet(HTML) 3 Page - DFI Inc

  RBT970 Datasheet HTML 1Page - DFI Inc RBT970 Datasheet HTML 2Page - DFI Inc RBT970 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.dfi.com
PACKING LIST
‧
1 RB970 board
‧
1 Cooler (Height: 47.80 mm)
TBD (0 to 60°C)
TBD (-40 to 85°C)
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © November 6, 2023 DFI Inc.
SPECIFICATION
SYSTEM
Processor
AMD® Embedded Ryzen™ V3000 CPU Family
V3C48, 45W, 8C/16T, Base Freq, 3.3GHz
V3C44, 45W, 4C/8T, Base Freq, 3.5GHz
V3C18, 15W, 8C/16T, Base Freq, 1.9GHz
V3C16, 15W, 6C/12T, Base Freq, 2.0GHz
V3C14, 15W, 4C/8T, Base Freq, 2.3GHz
V3C18I, 15W, 8C/16T, Base Freq, 1.9GHz, Industrial Temp
Memory
Two 262-Pin SODIMM up to 64GB
Dual Channel DDR5 4800MHz (Memory max speed depends on CPU SKU)
BIOS
AMI SPI 256Mbit
EXPANSION
Interface
Default:
B1 : 1 PCIe x4 or 2 PCIe x2 or 4 PCIe x1
B2 : 1 PCIe x2
B3 : 1 PCIe x8 or 2 PCIe x4
1 x SPI
1 x I2C
1 x SMBus
2 x UART (TX/RX)
ETHERNET
Controller
Supports 2 x 10GBASE-KR
Supports 1 x 2.5GbE and 1000/100/10 Mbit/s Ethernet connection
I/O
USB
4 x USB 3.2
4 x USB 2.0
SATA
2 x SATA 3.0 (up to 6Gb/s)
DIO
1 x 8-bit DIO (4 in, 4 out)
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 15 to 255 Seconds
SECURITY
TPM
Available upon request
POWER
Type
12V, 5VSB, VCC_RTC (ATX mode)
12V, VCC_RTC (AT mode)
Consumption
TBD
OS SUPPORT
Linux
Ubuntu 22.04.1 Kernel 6.1.
ENVIRONMENT
Temperature
Operating: 0 to 60°C, -40 to 85°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
TBD
MECHANISM
Dimensions
COM Express® Basic
95mm (3.74") x 125mm (4.9")
Compliance
PICMG COM Express® R3.1, Type 7
STANDARDS AND
CERTIFICATIONS
Certifications
CE, FCC, RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com